Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS316/DG Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS316/DG
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS316/DG Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS316/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
BAS316
High-speed switching diode
006aab133
102
IR
(µA)
VR (V)
0
100
80
40
60
20
10
1
10-1
10-2
10-3
10-4
10-5
(1)
(2)
(3)
(4)
(1) Tamb = 150 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
(4) Tamb = -40 °C
Fig. 3. Reverse current as a function of reverse
voltage; typical values
0
8
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
11. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ = 0.05
Oscilloscope: rise time tr = 0.35 ns
Fig. 5. Reverse recovery time test circuit and waveforms
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 kΩ
450 Ω
D.U.T.
mga882
VFR
t
output signal
V
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty cycle δ ≤ 0.005
Fig. 6. Forward recovery voltage test circuit and waveforms
BAS316
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com