Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA477MM Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA477MM
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477MM Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA477MM Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477MM Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/8
MA477MM
Major Power Technology Co., Ltd.
Rev.1.0
11th, Apr., 2022
Single Phase Hall Effect Fan Driver
❖
GENERAL DESCRIPTION
The MA477MM is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device is using HV BCD process includes an on-chip
Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a comparator to
provide switching hysteresis for noise rejection, bi-directional drivers for sinking and driving
large current load.
Placing the device in a variable magnetic field, if the magnetic flux density is larger than
threshold BOP, the DO is turned to sink and DOB is turned to drive. This output state is held
until the magnetic flux density reverses and falls below BRP, then causes DO to be turned to
drive and DOB turned to sink.
❖
FEATURES
-
On-Chip High Sensitivity Hall-effect Sensor
-
Operating Voltage: 3.5V to 20V
-
H-Bridge Output Drivers for Single Coil
-
Built-in Reverse Protection Diode
-
Thermal Shutdown Protection
-
Low Output Switching Current Noise
-
-40°C to 125°C Operating Temperature
-
Low Profile SOT23-6F and SIP-4L Packages
❖
PIN ASSIGNMENT
The packages of MA477MM are SOT23-6F & SIP-4L; the pin assignment is given by:
1.30mm
1.90mm
1
VDD
2
DO
3
DOB
(Marking Side)
SIP-4L
4
GND
(Sensor Location)
(Sensor Location)
1
2
3
4
6
DOB
FG
VDD
GND
DO
SOT23-6F
1.0mm
0.8mm
5
VDD
F4XXX
(Top View)
Name
Description
VDD
Supply Voltage
DO
Output 1
DOB Output 2
GND Ground.
FG
Frequency Generation


Similar Part No. - MA477MM

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477MCPA MPOWER-MA477MCPA Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477MP4 MPOWER-MA477MP4 Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
More results

Similar Description - MA477MM

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477K MPOWER-MA477K Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA479 MPOWER-MA479 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA480 MPOWER-MA480 Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com