Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA477MM Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA477MM
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477MM Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA477MM Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477MM Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/8
MA477MM
Major Power Technology Co., Ltd.
Rev.1.0
11th, Apr., 2022
ORDER / MARKING INFORMATION
Order Information (SIP-4L)
Top Marking (SIP-4L)
Package Type Packing
Blank: Bag
MA477MM XXX
P4 : SIP-4L
Y Y WW X
477MM Part number
ID code:internal
WW:01~52
Year:21=2021
Order Information (SOT23-6F)
Top Marking (SOT23-6F)
Package Type
MA477MM
Packing
XX X
CP: SOT23-6F Blank: Bag
A: Taping
F
Week: 01~26(A~Z)
27~52(a~z)
Year: 1 = 2021
ID Code: Internal
4 Y W X
APPLICATION CIRCUIT
1
4
3
2
VDD
GND
COIL
DOB
DO
C1
477MM
1
2
3
4
6
DOB
VDD
GND
DO
5
VDD
VDD
COIL
F4XXX
C1
10k
Ω
FG
NOTE
1.
C1>=1uF(Option), Enhance the reliability during hot swap.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com