Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX53 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCX53
Description  PNP medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX53 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCX53 Datasheet HTML 1Page - NXP Semiconductors BCX53 Datasheet HTML 2Page - NXP Semiconductors BCX53 Datasheet HTML 3Page - NXP Semiconductors BCX53 Datasheet HTML 4Page - NXP Semiconductors BCX53 Datasheet HTML 5Page - NXP Semiconductors BCX53 Datasheet HTML 6Page - NXP Semiconductors BCX53 Datasheet HTML 7Page - NXP Semiconductors BCX53 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 19
4
Philips Semiconductors
Product specification
PNP medium power transistors
BCX51; BCX52; BCX53
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−−100 nA
IE = 0; VCB = −30 V; Tj = 125 °C
−−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−100 nA
hFE
DC current gain
VCE = −2 V; see Fig.2
IC = −5mA
40
−−
IC = −150 mA
63
−
250
IC = −500 mA
25
−−
DC current gain
IC = −150 mA; VCE = −2 V; see Fig.2
BCX51-10; BCX52-10; BCX53-10
63
−
160
BCX51-16; BCX52-16; BCX53-16
100
−
250
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−−−500 mV
VBE
base-emitter voltage
IC = −500 mA; VCE = −2V
−−−1V
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz −
50
−
MHz
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
160
80
120
40
MBH730
−10−1
hFE
−1
IC (mA)
−10
−103
−104
−102
VCE = −2 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com