Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6WA5128 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6WA5128
Description  3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6WA5128 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6WA5128 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS6WA5128
10/6/00
ALLIANCE SEMICONDUCTOR
5
Write cycle (over the operating range)11
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CS controlled)10,11
Parameter
Symbol
Min
Max
Unit
Notes
Write cycle time
tWC
55
–
ns
Chip select to write end
tCW
40
–
ns
12
Address setup to write end
tAW
40
–
ns
Address setup time
tAS
0
–
ns
12
Write pulse width
tWP
35
–
ns
Address hold from end of write
tAH
0–
ns
Data valid to write end
tDW
25
–
ns
Data hold time
tDH
0
–
ns
4, 5
Write enable to output in high Z
tWZ
020
ns
4, 5
Output active from write end
tOW
5
–
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tAW
Address
CS
WE
DOUT
tCW
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
Data valid
DIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com