Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3166DBVR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TS5A3166DBVR
Description  0.9-OHM SPST ANALOG SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TS5A3166DBVR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TS5A3166DBVR Datasheet HTML 5Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 6Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 7Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 8Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 9Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 10Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 11Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 12Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
9
Electrical Characteristics for 1.8-V Supply(1)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
Peak ON resistance
rpeak
0
≤ VNO ≤ V+,
Switch ON,
25
°C
1.65 V
3.7
25
Ω
Peak ON resistance
rpeak
0
≤ VNO ≤ V+,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
30
Ω
ON-state resistance
ron
VNO = 1.5 V,
Switch ON,
25
°C
1.65 V
1.5
3.4
Ω
ON-state resistance
ron
VNO = 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
3.5
Ω
ON-state resistance
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −2 mA
Switch ON,
See Figure 13
25
°C
1.65 V
1.5
Ω
ON-state resistance
flatness
ron(flat)
VNO = 0.6 V, 1.5 V,
Switch ON,
25
°C
1.65 V
2
6
Ω
flatness
VNO = 0.6 V, 1.5 V,
ICOM = −2 mA
Switch ON,
See Figure 13
Full
6
INO(OFF)
VNO = 0.3 V, VCOM = 1.65 V,
or
25
°C
1.95 V
−2
0.5
2
nA
NO
OFF leakage current
INO(OFF)
NO
COM
or
VNO = 1.65 V, VCOM = 0.3 V Switch OFF,
See Figure 14
Full
1.95 V
−20
20
nA
OFF leakage current
INO(PWROFF)
VNO = 0 to 1.95 V,
See Figure 14
25
°C
0 V
−1
0.1
1
A
INO(PWROFF)
VNO = 0 to 1.95 V,
VCOM = 1.95 V to 0
Full
0 V
−5
5
µA
ICOM(OFF)
VCOM = 0.3 V, VNO = 1.65 V,
or
25
°C
1.95 V
−2
0.5
2
nA
COM
OFF leakage current
ICOM(OFF)
COM
NO
or
VCOM = 0.3 V, VNO = 1.65 V Switch OFF,
See Figure 14
Full
1.95 V
−20
20
nA
OFF leakage current
ICOM(PWROFF)
VCOM = 0 to 1.95 V,
See Figure 14
25
°C
0 V
−1
0.1
1
A
ICOM(PWROFF)
VCOM = 0 to 1.95 V,
VNO = 1.95 V to 0
Full
0 V
−5
5
µA
NO
INO(ON)
VNO = 0.3 V, VCOM = Open,
or
Switch ON,
25
°C
1.95 V
−2
0.1
2
nA
NO
ON leakage current
INO(ON)
NO
COM
or
VNO = 1.65 V, VCOM = Open,
Switch ON,
See Figure 15
Full
1.95 V
−20
20
nA
COM
ICOM(ON)
VCOM = 0.3 V, VNO = Open,
or
Switch ON,
25
°C
1.95 V
−2
0.1
2
nA
COM
ON leakage current
ICOM(ON)
COM
NO
or
VCOM = 1.65 V, VNO = Open,
Switch ON,
See Figure 15
Full
1.95 V
−20
20
nA
Digital Control Input (IN)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage current
IIH, IIL
VI = 5.5 V or 0
25
°C
1.95 V
−2
0.3
2
nA
Input leakage current
IIH, IIL
VI = 5.5 V or 0
Full
1.95 V
−20
20
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com