Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3166DBVR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TS5A3166DBVR
Description  0.9-OHM SPST ANALOG SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TS5A3166DBVR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TS5A3166DBVR Datasheet HTML 7Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 8Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 9Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 10Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 11Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 12Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 13Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 14Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
11
TYPICAL PERFORMANCE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
V+ = 1.8 V
Figure 1. ron vs VCOM (TA = 25°C)
V+ = 2.5 V
V+ = 3.3 V
V+ = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCOM (V)
TA = 85_C
Figure 2. ron vs VCOM (V+ = 3 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCOM (V)
TA = 85_C
Figure 3. ron vs VCOM (V+ = 5 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
−60
−40
−20
0
20
40
60
80
100
TA (°C)
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
INO/NC(OFF)
INO/NC(ON)
ICOM(ON)
ICOM(OFF)
Bias Voltage (V)
Figure 5. Charge Injection (QC) vs Bias Voltage
−0.5
−1
0
0.5
1
1.5
2
0.5
1
0
1.5 2
3.5
2.5
3
4
4.5
5
5.5
V+ = 3.3 V
V+ = 5 V
tOFF
0
2
4
6
8
10
12
14
012
345
6
V+ (V)
Figure 6. tON and tOFF vs V+
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com