Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46867MTR Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 28Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 29Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 30Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 31Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 32Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 33Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 34Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 35Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 32 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
5
IO Pins
The SLG46867 has a total of 10 GPIO, 1 GPI, and 1 GPO Pins which can function as either a user defined Input or Output, as
well as serving as a special function (such as outputting the voltage reference).
5.1 GPIO PINS
GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, GPIO7, GPIO8 and GPIO9 serve as General Purpose IO Pins.
5.2 GPI PINS
GPI0 serves as a General Purpose Input Pin.
5.3 GPO PINS
GPO0 serves as a General Purpose Output Pin.
5.4 PULL-UP/DOWN RESISTORS
All IO Pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
Ω, 100 kΩ, and 1 MΩ. The internal resistors can be configured as either Pull-up or Pull-downs.
5.5 FAST PULL-UP/DOWN DURING POWER-UP
During power-up, IO Pull-up/down resistance will switch to 2.6 k
Ω initially and then it will switch to normal setting value. This
function is enabled by register [778].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com