Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46867MTR Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 59Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 60Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 61Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 62Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 63Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 64Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 65Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 66Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 63 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
7.4.1 4-Bit LUT Macrocell Used as 4-Bit LUT
Figure 32: 4-bit LUT0 or DFF12
DFF12
CLK
D
16-bits NVM
1-bit NVM
4-bit LUT0
OUT
IN1
IN2
IN0
From Connection
Matrix Output [52]
From Connection
Matrix Output [51]
From Connection
Matrix Output [50]
registers [1439:1424]
register [1414]
To Connection Matrix
Input [41]
Q/nQ
LUT Truth
Table
DFF/Latch
Registers
S0
S1
S0
S1
S0
S1
S0
S1
Q1/Q2
Select
register [1436]
IN3
From Connection
Matrix Output [53]
S0
S1
register [1439] DFF or LATCH Select
register [1438] Output Select (Q or nQ)
register [1437] DFF Initial Polarity Select
register [1436] Q1 or Q2 Select
register [1435] DFF nRST or nSET Select
register [1434] Active level selection for RST/
SET
nRST/nSET
RST/SET
Table 41: 4-bit LUT0 Truth Table
IN3
IN2
IN1
IN0
OUT
0
0
0
0
register [1424]
LSB
0
0
0
1
register [1425]
0
0
1
0
register [1426]
0
0
1
1
register [1427]
0
1
0
0
register [1428]
0
1
0
1
register [1429]
0
1
1
0
register [1430]
0
1
1
1
register [1431]
1
0
0
0
register [1432]
1
0
0
1
register [1433]
1
0
1
0
register [1434]
1
0
1
1
register [1435]
1
1
0
0
register [1436]
1
1
0
1
register [1437]
1
1
1
0
register [1438]
1
1
1
1
register [1439]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com