Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSE2002B3C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # TSE2002B3C
Description  Temperature Sensor with Integrated EEPROM for Memory Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSE2002B3C Datasheet(HTML) 3 Page - Renesas Technology Corp

  TSE2002B3C Datasheet HTML 1Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 2Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 3Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 4Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 5Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 6Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 7Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 8Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3 of 30
May 12, 2010
IDT Confidential
Maximum Ratings
Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause permanent damage to the device. These are stress
ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
DC and AC Parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC
and AC Characteristic tables that follow are derived from tests performed under the Measurement Conditions summarized in the relevant tables.
Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parameters. DC
Characteristics
Operating Conditions
Symbol
Parameter
Min.
Max.
Units
TSTG
Storage Temperature
-65
150
°C
VIO
Input or output range, SA0
-0.50
10
V
Input or output range, other pins
-0.50
4.3
V
VDDSPD
Supply Voltage
-0.5
4.3
V
Symbol
Parameter
Min.
Max.
Units
VDDSPD
Supply Voltage
3.0
3.6
V
TA
Ambient operating temperature
-20
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com