Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSE2002B3C Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # TSE2002B3C
Description  Temperature Sensor with Integrated EEPROM for Memory Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSE2002B3C Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button TSE2002B3C Datasheet HTML 23Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 24Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 25Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 26Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 27Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 28Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 29Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 30Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28 of 30
May 12, 2010
IDT Confidential
Manufacturer ID Register
Manufacturer ID Register
The Manufacturer ID Register holds the PCI SIG number assigned to the specific manufacturer.
Device ID/Revision Register
Device ID/Revision Register
The upper byte of the Device ID / Revision Register stores a unique number indicating the TSE2002B3C from other devices.
The lower byte holds the revision value.
Resolution Register
This register allows the user to change the resolution of the temperature sensor. The POR default resolution is 0.25°C. The resolution imple-
mented via this register is also reflected in the capability register.
Resolution Register
Legend:
Resolution bits 4-3 TRES[4:3]
00 = LSB = 0.5°C (register value = 0007)
01 = LSB = 0.25°C (register value = 000F)
10 = LSB = 0.125°C (register value = 0017)
11 = LSB = 0.0625°C (register value = 001F)
Conversion times for each resolution are less than 100ms (worst case).
Bits 0, 1, and 2 are used for test purposes and should only be set to ‘1’.
Functions of bits [0:2]
Bit 0 – gets mapped into bit 0 of capabilities register.
Bit 1 – gets mapped into bit 1 of capabilities register.
Bit 2 – gets mapped into bit 2 of capabilities register.
ADDR
R/W
B15/B7
B14/B6
B13/B5
B12/B4
B11/B3
B10/B2
B9/B1
B8/B0
Default
06
R/W
00
0
0
0
0
0
0
00B3
10
1
1
0
0
1
1
ADDR
R/W
B15/B7
B14/B6
B13/B5
B12/B4
B11/B3
B10/B2
B9/B1
B8/B0
Default
07
R/W
001
01
00
1
2903
000
00
01
1
ADDR
R/W
B15/B7
B14/B6
B13/B5
B12/B4
B11/B3
B10/B2
B9/B1
B8/B0
Default
Value
08h
R/W
0
0
0
0
0
0
0
0
000F
0
0
0
TRES[1]
TRES[0]
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com