Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF35 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF35
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF35_V04 Datasheet HTML 9Page - Texas Instruments REF35_V04 Datasheet HTML 10Page - Texas Instruments REF35_V04 Datasheet HTML 11Page - Texas Instruments REF35_V04 Datasheet HTML 12Page - Texas Instruments REF35_V04 Datasheet HTML 13Page - Texas Instruments REF35_V04 Datasheet HTML 14Page - Texas Instruments REF35_V04 Datasheet HTML 15Page - Texas Instruments REF35_V04 Datasheet HTML 16Page - Texas Instruments REF35_V04 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
8.2 Temperature Coefficient
The REF35 is designed and tested for a low output voltage temperature coefficient. The temperature coefficient
is defined as the change in output voltage over temperature. The temperature coefficient is calculated using the
box method in which a box is formed by the minimum/maximum values for the nominal output voltage over the
operating temperature range. REF35 has a low maximum temperature coefficient of 12 ppm/°C from –40°C to
+105°C. The box method specifies limits for the temperature error but does not specify the exact shape and
slope of the device under test. Due to temperature curvature correction to achieve low-temperature drift, the
temperature drift is expected to be non-linear. See TI's Analog Design Journal, Precision voltage references, for
more information on the box method. Use Equation 1 for the box method.
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(1)
Figure 8-3 shows a typical voltage versus temperature curves for various reference voltages. Figure 8-4 shows
the distribution of temperature coefficients for REF35250 devices.
Temperature (
C)
-40
0
40
80
120
-250
0
250
500
750
1000
VREF = 5V
VREF = 2.5V
VREF = 1.25V
Figure 8-3. Output Voltage Drift Vs Free-Air
Temperature
Temperature Coefficient (ppm/
C)
0
12
24
36
48
60
0
1
2
3
4
5
6
7
8
9
10
11
−40
C to 85C
−40
C to 105C
Figure 8-4. Temperature Coefficient Distribution
8.3 Long-Term Stability
One of the key performance parameters of the REF35 references is long-term stability also known as long-term
drift. The long-term stability value is tested in a setup that reflects standard PCB board manufacturing practices.
The boards are made of standard FR4 material and the board does not have special cuts or grooves around the
devices to relieve the mechanical stress of the PCB. The devices and boards in this test do not undergo high
temperature burn in post-soldering prior to testing. These conditions reflect a real world use case scenario and
common manufacturing techniques.
During the long-term stability testing, precautions are taken to ensure that only the long-term stability drift is
measured. The boards are maintained at 35°C in an oil bath. The oil bath ensures that the temperature is
constant across the device over time compared to an air oven. The measurements are captured every 30
minutes with a calibrated 8.5 digit multimeter.
The typical long-term stability characteristic is expressed as a deviation of the reference voltage output over
time.
Figure 8-5 shows that the typical drift value for the REF35 6-pin SOT-23 package is 40 ppm from 0 to 1000
hours and 55 ppm from 0 to 2000 hours. It is important to understand that long-term stability is not ensured by
design and that the value is typical. The REF35 will experience the highest drift in the initial 1000 hr. Subsequent
deviation is typically lower than first 1000 hr.
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com