Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF35 Datasheet(PDF) 23 Page - Texas Instruments

Part # REF35
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF35_V04 Datasheet HTML 19Page - Texas Instruments REF35_V04 Datasheet HTML 20Page - Texas Instruments REF35_V04 Datasheet HTML 21Page - Texas Instruments REF35_V04 Datasheet HTML 22Page - Texas Instruments REF35_V04 Datasheet HTML 23Page - Texas Instruments REF35_V04 Datasheet HTML 24Page - Texas Instruments REF35_V04 Datasheet HTML 25Page - Texas Instruments REF35_V04 Datasheet HTML 26Page - Texas Instruments REF35_V04 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
10.2.2 Precision Power Supply and Reference
Figure 10-2 shows the basic configuration for the REF35 device as precision power supply to ADS7038
data converter which uses its power supply AVDD as reference. Connect bypass capacitors according to the
guidelines in the Input and Output Capacitors section.
ADS7038
GND
REF35500
-
+
1
2
3
4
6
5
10 μF
GND
1 μF
AVDD
GND
+6 V
Input
0 V to 5 V
0.1 μF
0.1 μF
Figure 10-2. Basic Reference Connection
10.2.2.1 Design Requirements
A detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 10-2 as the input parameters.
Table 10-2. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage range VIN
0 V - 5 V
Output resolution
12-bit
REF35 input capacitor
1 µF
REF35 output capacitor
10 µF
10.2.2.2 Detailed Design Procedure
10.2.2.2.1 Selection of Reference
The REF35500 reference is selected for this design. The REF35500 device operates of very low quiescent
current while offering ±0.05% initial accuracy and very low noise. These parameters help improve system
accuracy as compared to external LDO based power supply. The 5 V reference voltage supports the 0 V to 5 V
input range specification.
10.2.2.2.2 Input and Output Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected to the input to improve transient response in
applications where the supply voltage may fluctuate.
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com