Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 2 Page - NXP Semiconductors

  DSP56366P Datasheet HTML 1Page - NXP Semiconductors DSP56366P Datasheet HTML 2Page - NXP Semiconductors DSP56366P Datasheet HTML 3Page - NXP Semiconductors DSP56366P Datasheet HTML 4Page - NXP Semiconductors DSP56366P Datasheet HTML 5Page - NXP Semiconductors DSP56366P Datasheet HTML 6Page - NXP Semiconductors DSP56366P Datasheet HTML 7Page - NXP Semiconductors DSP56366P Datasheet HTML 8Page - NXP Semiconductors DSP56366P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
Overview
DSP56366 Technical Data, Rev. 3.1
1-2
Freescale Semiconductor
Figure 1-1 DSP56366 Block Diagram
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low (For example, the RESET pin is active
when low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage*
PIN
True
Asserted
VIL / VOL
PIN
False
Deasserted
VIH / VOH
PIN
True
Asserted
VIH / VOH
PIN
False
Deasserted
VIL / VOL
Note: *Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
CLOCK
GENERATOR
INTERNAL
DATA
BUS
SWITCH
EXTAL
PROGRAM
INTERRUPT
CONTROLLER
PROGRAM
DECODE
CONTROLLER
PROGRAM
ADDRESS
GENERATOR
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODA/IRQA
MODB/IRQB
DATA ALU
24X24+56->56-BIT MAC
TWO 56-BIT
ACCUMULATORS
BARREL SHIFTER
MODC/IRQC
PLL
OnCE™
HOST
INTER-
FACE
DAX
(SPDIF Tx.)
INTER-
FACE
4
16
X MEMORY
RAM
13K X 24
ROM
32K x 24
Y MEMORY
RAM
7K X 24
ROM
8K x 24
DDB
DAB
SIX CHANNELS
DMA UNIT
MEMORY EXPANSION AREA
PERIPHERAL
24 BITS BUS
EXPANSION AREA
JTAG
4
5
RESET
POWER
MNGMNT
PINIT/NMI
2
TRIPLE
TIMER
1
MODD/IRQD
DRAM &
SRAM BUS
INTERFACE
&
I - CACHE
EXTERNAL
ADDRESS
BUS
SWITCH
EXTERNAL
DATA BUS
SWITCH
ADDRESS
10
DATA
CONTROL
24
18
ESAI
INTER-
FACE
8
6
ESAI_1
ADDRESS
GENERATION
UNIT
24-BIT
DSP56300
Core
SHI
INTER-
FACE
PROGRAM
RAM/INSTR.
CACHE
3K x 24
PROGRAM ROM
40K x 24
Bootstrap ROM
192 x 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com