Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 3Page - NXP Semiconductors DSP56366P Datasheet HTML 4Page - NXP Semiconductors DSP56366P Datasheet HTML 5Page - NXP Semiconductors DSP56366P Datasheet HTML 6Page - NXP Semiconductors DSP56366P Datasheet HTML 7Page - NXP Semiconductors DSP56366P Datasheet HTML 8Page - NXP Semiconductors DSP56366P Datasheet HTML 9Page - NXP Semiconductors DSP56366P Datasheet HTML 10Page - NXP Semiconductors DSP56366P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-3
2.2
Power
2.3
Ground
Table 2-2 Power Inputs
Power Name
Description
VCCP
PLL Power—VCCP is VCC dedicated for PLL use. The voltage should be well-regulated and the input
should be provided with an extremely low impedance path to the VCC power rail. There is one VCCP input.
VCCQL (4)
Quiet Core (Low) Power—VCCQL is an isolated power for the internal processing logic. This input must
be tied externally to all other chip power inputs. The user must provide adequate external decoupling
capacitors. There are four VCCQL inputs.
VCCQH (3)
Quiet External (High) Power—VCCQH is a quiet power source for I/O lines. This input must be tied
externally to all other chip power inputs. The user must provide adequate decoupling capacitors. There are
three VCCQH inputs.
VCCA (3)
Address Bus Power—VCCA is an isolated power for sections of the address bus I/O drivers. This input
must be tied externally to all other chip power inputs. The user must provide adequate external decoupling
capacitors. There are three VCCA inputs.
VCCD (4)
Data Bus Power—VCCD is an isolated power for sections of the data bus I/O drivers. This input must be
tied externally to all other chip power inputs. The user must provide adequate external decoupling
capacitors. There are four VCCD inputs.
VCCC (2)
Bus Control Power—VCCC is an isolated power for the bus control I/O drivers. This input must be tied
externally to all other chip power inputs. The user must provide adequate external decoupling capacitors.
There are two VCCC inputs.
VCCH
Host Power—VCCH is an isolated power for the HDI08 I/O drivers. This input must be tied externally to all
other chip power inputs. The user must provide adequate external decoupling capacitors. There is one
VCCH input.
VCCS (2)
SHI, ESAI, ESAI_1, DAX and Timer Power —VCCS is an isolated power for the SHI, ESAI, ESAI_1, DAX
and Timer. This input must be tied externally to all other chip power inputs. The user must provide
adequate external decoupling capacitors. There are two VCCS inputs.
Table 2-3 Grounds
Ground Name
Description
GNDP
PLL Ground—GNDP is a ground dedicated for PLL use. The connection should be provided with an
extremely low-impedance path to ground. VCCP should be bypassed to GNDP by a 0.47 μF capacitor
located as close as possible to the chip package. There is one GNDP connection.
GNDQ (4)
Quiet Ground—GNDQ is an isolated ground for the internal processing logic. This connection must be
tied externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There are four GNDQ connections.
GNDA (4)
Address Bus Ground—GNDA is an isolated ground for sections of the address bus I/O drivers. This
connection must be tied externally to all other chip ground connections. The user must provide adequate
external decoupling capacitors. There are four GNDA connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com