Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFLK Datasheet(PDF) 18 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 14Page - NXP Semiconductors FSFLK Datasheet HTML 15Page - NXP Semiconductors FSFLK Datasheet HTML 16Page - NXP Semiconductors FSFLK Datasheet HTML 17Page - NXP Semiconductors FSFLK Datasheet HTML 18Page - NXP Semiconductors FSFLK Datasheet HTML 19Page - NXP Semiconductors FSFLK Datasheet HTML 20Page - NXP Semiconductors FSFLK Datasheet HTML 21Page - NXP Semiconductors FSFLK Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Mechanical and Electrical Specifications
18
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
4.4 Frame of Reference
Table summarizes differences between the standard frames of reference supported by the fusion
library.
Table 7. Frame of Reference Variations
NED
Android
Windows 8
Axes alignment
NED
ENU
ENU
Angle rotation order
Yaw then pitch then roll
Yaw then roll then pitch
Yaw then pitch then roll
Gimbal lock
Roll instability (x axis) at ±90
deg pitch (y axis)
Pitch instability (x axis) at ±90
deg roll (y axis)
Roll instability (y axis) at ±90
deg pitch (x axis)
Roll range
Clockwise
–180 to 180 deg
Anti-clockwise
–90 to 90 deg
Clockwise
–90 to 90 deg
Pitch range
–90 to 90 deg
–180 to 180 deg
–180 to 180 deg
Yaw range
0 to 360
0 to 360
0 to 360
Compass heading
Yaw
Yaw
–Yaw
1.
A clockwise rotation is defined as one that is positive in the Right-Hand-Rule (RHR) sense.
4.5 Electrical Specifications
The parameters in each table are measured using the configurations defined in Hardware Platforms
Used to Measure Performance. The MCU currents are estimated using the process defined in MCU
Current.
Tables 8 and 9 were developed using the build #5.00 of the Sensor Fusion Library.
Table 8. Typical IDD for FRDM-KL26Z only
Function
Fusion Idd @ 25Hz rate (mA)
Fusion Idd / Hz (mA)
Accel only
0.25
0.01
2D Mag
0.19
0.01
Gyro only
0.74
0.03
Accel + Mag, eCompass
0.31
0.01
Accel + Gyro
0.92
0.04
9-axis
3.20
0.13
subtotal
5.61
0.22
estimated RTOS/other
2.79
0.44
Table 9. 9-Axis IDD as a Function of Board and Development Tool
Function
Fusion Idd @ 25Hz rate (mA)
Compiled with CodeWarrior
Fusion Idd / Hz (mA)
Compiled with KDS
FRDM-K64F
0.40
0.51
FRDM-K22F
N/A
0.41
FRDM-K20D50M
3.53
4.11
FRDM-KL46Z
3.70
4.16
FRDM-KL26Z
3.20
3.76
FRDM-KL25
2.47
2.93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com