Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFLK Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 15Page - NXP Semiconductors FSFLK Datasheet HTML 16Page - NXP Semiconductors FSFLK Datasheet HTML 17Page - NXP Semiconductors FSFLK Datasheet HTML 18Page - NXP Semiconductors FSFLK Datasheet HTML 19Page - NXP Semiconductors FSFLK Datasheet HTML 20Page - NXP Semiconductors FSFLK Datasheet HTML 21Page - NXP Semiconductors FSFLK Datasheet HTML 22Page - NXP Semiconductors FSFLK Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
4.6 Computation Metrics
The Sensor Fusion Library computations are measured directly using the Sensor Fusion Toolbox and
the ARM® sysTick clock.
4.6.1
Statistics from Build #5.00 of the Sensor Fusion Library
For the current build (5.00), Freescale used the built in sysTick counter to measure each iteration of the
algorithm in units of CPU clock cycles. The customer can repeat the exact same measurement,
because both PC and Android Sensor Fusion Toolboxes display this information in a real-time basis.
The test results will vary depending device movement are presented as “typical” numbers.
Table 10. SysTick Values for Freedom Development Platforms and Sensor Combinations
Freedom Platform
Accel
2D Mag
Gyro
eCompass
Accel
+Gyro
9-axis
SysTick Values for CodeWarrior Build 5.00 in kTicks
KL25Z
58
46
172
72
208
740
KL26Z
58
45
171
71
210
740
KL46Z
59
45
171
72
207
740
K20D50M
34
26
63
42
157
509
K64F
3.1
2.86
4.5
3.6
10.6
50.5
KL25Z
58
46
172
72
208
740
SysTick Values for KDS Build 5.00 in kTicks
KL25Z
59
47
174
74
211
840
KL26Z
61
48
173
75
211
860
KL46Z
60
49
174
74
210
840
K20D50M
35
27
66
44
160
580
K64F
3.3
3.1
4.9
3.9
11.4
54.6
K22F
3.9
3.7
5.8
4.4
13.4
59.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com