Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8191ASTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8191ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191ASTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8191ASTZ Datasheet HTML 7Page - Analog Devices AD8191ASTZ Datasheet HTML 8Page - Analog Devices AD8191ASTZ Datasheet HTML 9Page - Analog Devices AD8191ASTZ Datasheet HTML 10Page - Analog Devices AD8191ASTZ Datasheet HTML 11Page - Analog Devices AD8191ASTZ Datasheet HTML 12Page - Analog Devices AD8191ASTZ Datasheet HTML 13Page - Analog Devices AD8191ASTZ Datasheet HTML 14Page - Analog Devices AD8191ASTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8191
Rev. 0 | Page 11 of 32
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 1.65 Gbps, unless
otherwise noted.
0.5
0.6
0
035
0.6
0
025
HDMI CABLE LENGTH (m)
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
5
10152025
30
2m CABLE = 30AWG
5m TO 10m CABLES = 28AWG
15m TO 30m CABLES = 24AWG
720p,
EQ = 12dB
1080p,
EQ = 12dB
480p,
EQ = 12dB
1.65Gbps,
EQ = 12dB
DATA RATE (Gbps)
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
60
0
01.8
50
40
30
20
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DJ (p-p)
RJ (rms)
1.65Gbps
1080p
1080i/720p
480p
480i
Figure 15. Jitter vs. Data Rate
70
0
3.0
3.6
SUPPLY VOLTAGE (V)
60
50
40
30
20
10
3.1
3.2
3.3
3.4
3.5
DJ (p-p)
RJ (rms)
Figure 16. Jitter vs. Supply Voltage
2m CABLE = 30AWG
5m TO 10m CABLES = 28AWG
15m TO 20m CABLES = 24AWG
0.5
0.4
0.3
0.2
0.1
720p, PE OFF
5
101520
1080p, MAX PE
720p, MAX PE
480p, PE OFF
480p, MAX PE
1080p, PE OFF
1200
0
01.8
DATA RATE (Gbps)
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
1000
800
600
400
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 18. Eye Height vs. Data Rate
800
0
3.0
3.6
SUPPLY VOLTAGE (V)
700
600
500
400
300
200
100
3.1
3.2
3.3
3.4
3.5
Figure 19. Eye Height vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com