Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8191ASTZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD8191ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191ASTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8191ASTZ Datasheet HTML 23Page - Analog Devices AD8191ASTZ Datasheet HTML 24Page - Analog Devices AD8191ASTZ Datasheet HTML 25Page - Analog Devices AD8191ASTZ Datasheet HTML 26Page - Analog Devices AD8191ASTZ Datasheet HTML 27Page - Analog Devices AD8191ASTZ Datasheet HTML 28Page - Analog Devices AD8191ASTZ Datasheet HTML 29Page - Analog Devices AD8191ASTZ Datasheet HTML 30Page - Analog Devices AD8191ASTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD8191
Rev. 0 | Page 27 of 32
pair. Furthermore, to prevent unwanted signal coupling and
interference, route the TMDS signals away from other signals
and noise sources on the PCB.
Both traces of a given differential pair must be equal in length
to minimize intrapair skew. Maintaining the physical symmetry
of a differential pair is integral to ensuring its signal integrity;
excessive intrapair skew can introduce jitter through duty cycle
distortion (DCD). The p and n of a given differential pair should
always be routed together to establish the required 100 Ω differ-
ential impedance. Enough space should be left between the
differential pairs of a given group so that the n of one pair does
not couple to the p of another pair. For example, one technique is
to make the interpair distance 4 to 10 times wider than the
intrapair spacing.
Any group of four TMDS channels (Input A, Input B, Input C,
Input D, or the output) should have closely matched trace
lengths to minimize interpair skew. Severe interpair skew can
cause the data on the four different channels of a group to arrive
out of alignment with one another. A good practice is to match
the trace lengths for a given group of four channels to within
0.05 inches on FR4 material.
The length of the TMDS traces should be minimized to reduce
overall signal degradation. Commonly used PC board material,
such as FR4, is lossy at high frequencies; therefore, long traces
on the circuit board increase signal attenuation resulting in
decreased signal swing and increased jitter through intersymbol
interference (ISI).
Controlling the Characteristic Impedance of a TMDS
Differential Pair
The characteristic impedance of a differential pair depends on
a number of variables including the trace width, the distance
between the two traces, the height of the dielectric material
between the trace and the reference plane below it, and the
dielectric constant of the PCB binder material. To a lesser
extent, the characteristic impedance also depends upon the
trace thickness and the presence of solder mask. There are
many combinations that can produce the correct characteristic
impedance. It is generally required to work with the PC board
fabricator to obtain a set of parameters to produce the desired
results.
One consideration is how to guarantee a differential pair with
a differential impedance of 100 Ω over the entire length of the
trace. One technique to accomplish this is to change the width
of the traces in a differential pair based on how closely one trace
is coupled to the other. When the two traces of a differential
pair are close and strongly coupled, they should have a width
that produces a 100 Ω differential impedance. When the traces
split apart, to go into a connector, for example, and are no
longer so strongly coupled, the width of the traces should be
increased to yield a differential impedance of 100 Ω in the new
configuration.
TMDS Terminations
The AD8191 provides internal, 50 Ω single-ended terminations
for all of its high speed inputs and outputs. It is not necessary to
include external termination resistors for the TMDS differential
pairs on the PCB.
The output termination resistors of the AD8191 back-terminate
the output TMDS transmission lines. These back-terminations
act to absorb reflections from impedance discontinuities on the
output traces, improving the signal integrity of the output traces
and adding flexibility to how the output traces can be routed.
For example, interlayer vias can be used to route the AD8191
TMDS outputs on multiple layers of the PCB without severely
degrading the quality of the output signal.
Auxiliary Control Signals
There are four single-ended control signals associated with each
source or sink in an HDMI/DVI application. These are hot plug
detect (HPD), consumer electronics control (CEC), and two
display data channel (DDC) lines. The two signals on the DDC
bus are SDA and SCL (serial data and serial clock, respectively).
These four signals can be switched through the auxiliary bus of
the AD8191 and do not need to be routed with the same strict
considerations as the high speed TMDS signals.
In general, it is sufficient to route each auxiliary signal as a
single-ended trace. These signals are not sensitive to impedance
discontinuities, do not require a reference plane, and can be
routed on multiple layers of the PCB. However, it is best to
follow strict layout practices whenever possible to prevent the
PCB design from affecting the overall application. The specific
routing of the HPD, CEC, and DDC lines depends upon the
application in which the AD8191 is being used.
For example, the maximum speed of signals present on the
auxiliary lines is 100 kHz I2C data on the DDC lines; therefore,
any layout that enables 100 kHz I2C to be passed over the DDC
bus should suffice. The HDMI 1.2a specification, however,
places a strict 50 pF limit on the amount of capacitance that can
be measured on either SDA or SCL at the HDMI input connector.
This 50 pF limit includes the HDMI connector, the PCB, and
whatever capacitance is seen at the input of the AD8191, or an
equivalent receiver. There is a similar limit of 100 pF of input
capacitance for the CEC line.
The parasitic capacitance of traces on a PCB increases with
trace length. To help ensure that a design satisfies the HDMI
specification, the length of the CEC and DDC lines on the PCB
should be made as short as possible. Additionally, if there is a
reference plane in the layer adjacent to the auxiliary traces in
the PCB stack-up, relieving or clearing out this reference plane
immediately under the auxiliary traces significantly decreases
the amount of parasitic trace capacitance. An example of the
board stackup is shown in Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com