Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB162KX Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VB162KX
Description  N-Channel 60 V(D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB162KX Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VB162KX Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test: PW
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 70 °C
75
On-State Drain Currenta
ID(on)
VDS 15 V, VGS = 10 V
2.5
A
Drain-Source On-Resistancea
RDS(on)
VGS = 10 V, ID = 0.5 A
0.91
Forward Transconductancea
gfs
VDS = 15 V, ID = 0.5 A
4
S
Diode Forward Voltage
VSD
IS = 1 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 0.5 A
3
nC
Gate-Source Charge
Qgs
0.37
Gate-Drain Charge
Qgd
1.45
Gate Resistance
Rg
0.5
1.3
2.4
Switching
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 33 
ID  0.2 A, VGEN = 10 V, Rg = 6 
711
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
915
Fall Time
tf
11
15
Source-Drain Reverse Recovery Time
trr
IF = 0.5 A, dI/dt = 100 A/µs50100
Output Characteristics
0
1
2
3
4
02468
10
VGS = 10 V, 9 V, 8 V
4 V
VDS - Drain-to-Source Voltage (V)
3 V
5 V
2 V, 1 V
Transfer Characteristics
0
1
2
3
4
02
46
8
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
www.VBsemi.com
VB162KX
2
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com