Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM-APL Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ECM-APL
Description  Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ECM-APL Datasheet(HTML) 1 Page - BCM Advanced Research.

  ECM-APL Datasheet HTML 1Page - BCM Advanced Research. ECM-APL Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
External I/O
HDMI
2 x HDMI
LAN
2 x RJ45
USB
4 x USB 3.0
COM
1 x RS-232/422/485
Internal I/O
USB
1 x USB 2.0
COM
5 x RS-232
SATA
1 x SATA III
GPIO
1 x 8-bit GPIO
MIO
1 x LPC, 1 x SPI
Touch Screen (Optional)
Built-in Touch
controller
EETI ETP-CP-MER4485XRU
1 x 5-pin 2.54mm Pin Header
System
CPU
Intel® Atom x7-E3950 Processor (2M Cache, up to 2.00 GHz)
Intel® Atom x5-E3940 Processor (2M Cache, up to 1.80 GHz)
Intel® Atom x5-E3930 Processor (2M Cache, up to 1.80 GHz)
Intel® Pentium Processor N4200 (2M Cache, up to 2.50 GHz)
Intel® Celeron Processor N3350 (2M Cache, up to 2.40 GHz)
Intel® Celeron Processor J3455E (2M Cache, up to 2.30 GHz)
Please note: CPU coolers is included. Please see manual for
included accessories.
System Chipset
Intel® Apollo SoC Integrated
System Memory
1 x 204-Pin DDR3L 1866MHz SO-DIMM,supports 4G/8G & up
to 8GB DDR3L 1866MTs SDRAM (Non-ECC)
BIOS
AMI uEFI BIOS,128Mbit SPI Flash ROM
I/O Chip
EC(IT8528E), I-series CPU use EC (IT8528I) for Wide Temp
Version
Audio
Realtek ALC892 HD Audio supports 5.1-CH
Ethernet
LAN 1: Intel® I211AT Gigabit Ethernet Controller
LAN 2: Intel® I211AT Gigabit Ethernet Controller
* Intel® Atom® E3900 Series CPU uses Intel® I210IT for
Wide Temp Version
Expansion
1 x mini-PCIe (for PCIe & USB 2.0)
1 x M.2 B-Key 2242
1 x Micro SIM Card Slot
Storage
1 x M.2 suppors SATA/USB interface & with Micro SIM card
connector for SSD/3G/4G
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec. and 1sec./step
H/W Status
Monitor
Monitoring System Temperature, Voltage and FAN Status with
Auto Throttling Control
OS Support
Win 10, Linux
Display
Chipset
Intel® Apollo Lake SoC Integrated Gen9 LP Graphics
Resolution
2 x HDMI: Max. Resolution 3840x2160 @ 30Hz
1 x LVDS: Max. Resolution 1920x1080 @ 60Hz
LCD Interface
Dual channel 18/24-bit LVDS
Multiple Display
Supports Triple Display
• TopLayerSoldered
• Intel®Pentium®/Celeron®/Atom™BGAProcessor
• Intel®HDGraphics500/505GraphicEngine
• SingleDRAMSocket,Max.Upto8GBDDR31866MHz
• SupportsTripleDisplay(2xHDMI,LVDS)
• 1xM.2,1xmini-mPCIe
• 2xGigabitEthernet
• HDAudioCode
• Intel®Pentium®NSeriesandIntel®Celeron®JSeries
supports 0°C ~ 60°C Standard Temperature
• Intel®Atom®ESeriessupports-40°C~85°CExtended
Temperature
• OptionalTPM2.0
Intel® Pentium®/Celeron®/Atom® SoC Processor
3.5” Micro Module SBC
ECM-APL


Similar Part No. - ECM-APL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2TR ECLIPTEK-ECM-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECM-APL

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
GENESYS-APL7 AAEON-GENESYS-APL7 Datasheet
418Kb / 2P
3.5" SubCompact Board System with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
logo
BCM Advanced Research.
ECM-3455J BCM-ECM-3455J Datasheet
647Kb / 1P
Intel® Celeron J3455 3.5” SBC Micro Module
07/11/2022
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPN-EDGE-EHLCN2-A10-0232 AAEON-UPN-EDGE-EHLCN2-A10-0232 Datasheet
798Kb / 2P
UP Squared 6000 System with Intel® Atom® x6000E Pentium® Celeron® Processor SoC
2022/11/01
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com