Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5532ABC-3 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 4 Page - Analog Devices

  AD5532ABC-3 Datasheet HTML 1Page - Analog Devices AD5532ABC-3 Datasheet HTML 2Page - Analog Devices AD5532ABC-3 Datasheet HTML 3Page - Analog Devices AD5532ABC-3 Datasheet HTML 4Page - Analog Devices AD5532ABC-3 Datasheet HTML 5Page - Analog Devices AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
AD5532B-1
Parameter
1
B Version
2
Unit
Conditions/Comments
DAC AC CHARACTERISTICS
3
Output Voltage Settling Time
22
µs max
500 pF, 5 k
Ω Load Full-Scale Change
OFFS_IN Settling Time
10
µs max
500 pF, 5 k
Ω Load; 0 V to 3 V Step
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change Around Major Carry
Digital Crosstalk
5
nV-s typ
Analog Crosstalk
1
nV-s typ
Digital Feedthrough
0.2
nV-s typ
Output Noise Spectral Density @ 1 kHz
400
nV/
√Hz typ
ISHA AC CHARACTERISTICS
Output Voltage Settling Time
3
3
µs max
Outputs Unloaded
Acquisition Time
16
µs max
AC Crosstalk
3
5nV-s typ
NOTES
1See Terminology section.
2 B Version: Industrial temperature range –40
°C to +85°C; typical at +25°C.
3 Guaranteed by design and characterization, not production tested.
Specifications subject to change
without notice.
TIMING CHARACTERISTICS
PARALLEL INTERFACE
Limit at TMIN, TMAX
Parameter
1, 2
(B Version)
Unit
Conditions/Comments
t1
0
ns min
CS to WR Setup Time
t2
0
ns min
CS to WR Hold Time
t3
50
ns min
CS Pulsewidth Low
t4
50
ns min
WR Pulsewidth Low
t5
20
ns min
A4–A0, CAL, OFFS_SEL to
WR Setup Time
t6
7
ns min
A4–A0, CAL, OFFS_SEL to
WR Hold Time
NOTES
1See Parallel Interface Timing Diagram.
2Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice.
SERIAL INTERFACE
Limit at TMIN, TMAX
Parameter
1, 2
(B Version)
Unit
Conditions/Comments
fCLKIN
3
14
MHz max
SCLK Frequency
t1
28
ns min
SCLK High Pulsewidth
t2
28
ns min
SCLK Low Pulsewidth
t3
15
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time
t4
50
ns min
SYNC Low Time
t5
15
ns min
DIN Setup Time
t6
5
ns min
DIN Hold Time
t7
5
ns min
SYNC Falling Edge to SCLK Rising Edge Setup Time for Readback
t8
4
20
ns max
SCLK Rising Edge to DOUT Valid
t9
4
60
ns max
SCLK Falling Edge to DOUT High Impedance
t10
400
ns min
10th SCLK Falling Edge to
SYNC Falling Edge for Readback
t11
400
ns min
24th SCLK Falling Edge to
SYNC Falling Edge for DAC Mode Write
t12
5
7
ns min
SCLK Falling Edge to
SYNC Falling Edge for Readback
NOTES
1See Serial Interface Timing Diagrams.
2Guaranteed by design and characterization, not production tested.
3In ISHA mode the maximum SCLK frequency is 20 MHz and the minimum pulsewidth is 20 ns.
4These numbers are measured with the load circuit of Figure 2.
5
SYNC should be taken low while SCLK is low for readback.
Specifications subject to change without notice.
AD5532B
(VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V; DVCC = +2.7 V to +5.25 V;
AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V; OFF_IN = OV; All specifications TMIN to TMAX, unless otherwise noted.)
AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com