Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5532ABC-3 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices AD5532ABC-3 Datasheet HTML 10Page - Analog Devices AD5532ABC-3 Datasheet HTML 11Page - Analog Devices AD5532ABC-3 Datasheet HTML 12Page - Analog Devices AD5532ABC-3 Datasheet HTML 13Page - Analog Devices AD5532ABC-3 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
AD5532B
–10–
DAC CODE
1.0
0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
2k
4k
6k
8k
10k 12k
16k
14k
VREFIN = 3V
VOFFS_IN = 0V
TA = 25 C
TPC 1. Typical DNL Plot
3.515
6
3.520
3.525
3.530
420
–2
–4
–6
SINK/SOURCE CURRENT – mA
TA = 25 C
VREFIN = 3V
VIN = 1V
TPC 4. VOUT Source and Sink
Capability
–0.024
–0.020
–0.016
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0V
–0.012
–0.008
–0.004
0.000
0.004
0.008
0.012
0.016
0.020
0.024
0.1
2.96
VIN – V
TPC 7. VIN to VOUT Accuracy After
Offset and Gain Adjustment (ISHA
Mode)
–Typical Performance Characteristics
TEMPERATURE – C
5.370
–40
5.360
5.350
5.340
5.330
5.320
040
80
DAC LOADED TO MIDSCALE
VREFIN = 3V
VOFFS_IN = 0V
TPC 3. VOUT vs. Temperature
TOTAL UNADJUSTED ERROR
mV
40
0
–4
01
20
–3 –2 –1
2
3
4
5
6
7
8
TPC 6. TUE Distribution at 25
°C
(ISHA Mode)
VOUT – V
0
5.2670
5.2676
5.2682
10k
20k
30k
40k
50k
60k
70k
63791
200
1545
TA = 25 C
VREFIN = 3V
VIN = 1.5V
VOFFS_IN = 0V
TPC 9. ISHA Mode Repeatability
(64 K Acquisitions)
30
0
20
10
40
FSR – %
0.05
0.10
0.15
0
TPC 2. INL Error Distribution
at 25
°C (DAC Mode)
TIME BASE – 2 s/DIV
–2.0
0.0
2.0
4.0
6.0
8.0
10.0
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0.5V
TPC 5. Full-Scale Settling Time
100
90
10
0%
5V
2 s
1V
TA = 25 C
VREFIN = 3V
VIN = 0 1.5V
VOUT
BUSY
TPC 8. Acquisition Time and Output
Settling Time (ISHA Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com