Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754847 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754847
Description  PCB connector - MSTB 2,5/22-ST
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754847 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754847 Datasheet HTML 1Page - PHOENIX CONTACT 1754847 Datasheet HTML 2Page - PHOENIX CONTACT 1754847 Datasheet HTML 3Page - PHOENIX CONTACT 1754847 Datasheet HTML 4Page - PHOENIX CONTACT 1754847 Datasheet HTML 5Page - PHOENIX CONTACT 1754847 Datasheet HTML 6Page - PHOENIX CONTACT 1754847 Datasheet HTML 7Page - PHOENIX CONTACT 1754847 Datasheet HTML 8Page - PHOENIX CONTACT 1754847 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 22, number of rows: 1, number of positions: 22, number of connections: 22, product
range: MSTB 2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging:
packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial Data
Item number
1754847
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACAFC
Catalog Page
Page 126 (CC-2005)
GTIN
4017918029012
Weight per Piece (including packing)
38.01 g
Weight per Piece (excluding packing)
36.043 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - MSTB 2,5/22-ST
1754847
https://www.phoenixcontact.com/us/products/1754847
Feb 10, 2023, 7:18 AM
Page 1 (21)


Similar Part No. - 1754847

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754843 PHOENIX-1754843 Datasheet
269Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 7-STF-5,08
09/12/2020
More results

Similar Description - 1754847

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1714061 PHOENIX-1714061 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/22-ST-5,08 BD:1-22
1757213 PHOENIX-1757213 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/22-ST-5,08
1779615 PHOENIX-1779615 Datasheet
77Kb / 5P
Printed-circuit board connector - FRONT-MSTB 2,5/22-ST
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com