Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4256-2CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4256-2CS8
Description  Positive High Voltage Hot Swap Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-2CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT4256-2CS8 Datasheet HTML 1Page - Linear Technology LT4256-2CS8 Datasheet HTML 2Page - Linear Technology LT4256-2CS8 Datasheet HTML 3Page - Linear Technology LT4256-2CS8 Datasheet HTML 4Page - Linear Technology LT4256-2CS8 Datasheet HTML 5Page - Linear Technology LT4256-2CS8 Datasheet HTML 6Page - Linear Technology LT4256-2CS8 Datasheet HTML 7Page - Linear Technology LT4256-2CS8 Datasheet HTML 8Page - Linear Technology LT4256-2CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT4256-1/LT4256-2
1
425612f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
The LT
®4256-1/LT4256-2 are high voltage Hot Swap
TM
controllers that allow a board to be safely inserted and
removed from a live backplane. An internal driver drives an
external N-channel MOSFET switch to control supply
voltages ranging from 10.8V to 80V.
The LT4256-1/LT4256-2 features an adjustable analog
foldback current limit. If the supply remains in current limit
for more than a programmable time, the N-channel
MOSFET shuts off and the PWRGD output asserts low. The
LT4256-2 automatically restarts after a time-out delay.
The LT4256-1 latches off until the UV pin is cycled low.
The PWRGD output indicates when the output voltage
rises above a programmed level. An external resistor
string from VCC provides programmable undervoltage
protection.
The LT4256 can be used as an upgrade to LT1641 designs.
See Table 1 on page 14 for upgraded specifications.
The LT4256-1 and LT4256-2 are available in an 8-pin SO
package that is pin compatible with the LT1641.
s
Hot Board Insertion
s
Electronic Circuit Breaker/Power Bussing
s
Industrial High Side Switch/Circuit Breaker
s
24V/48V Industrial/Alarm Systems
s
Ideally Suited for 12V, 24V and 48V Distributed
Power Systems
s
48V Telecom Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Allows Safe Board Insertion and Removal from a
Live Backplane
s
Controls Supply Voltage from 10.8V to 80V
s
Foldback Current Limiting
s
Overcurrent Fault Detection
s
Drives an External N-Channel MOSFET
s
Programmable Supply Voltage Power-Up Rate
s
Undervoltage Protection
s
Latch Off Operation Mode (LT4256-1)
s
Automatic Retry (LT4256-2)
s
Available in an 8-Pin SO Package
Positive High Voltage
Hot Swap Controllers
Hot Swap is a trademark of Linear Technology Corporation.
4256 TA01
0.02
Ω
LT4256-1/
LT4256-2
SENSE
6
2
3
4
87
1
5
VCC
GATE
FB
PWRGD
UV
TIMER
GND
VIN
48V
GND
(SHORT PIN)
IRF530
CMPZ5241B
11V
8.06k
64.9k
100
Ω
4.02k
10
Ω
36.5k
PWRGD
VOUT
48V
2A
27k
CL
33nF
0.1
µF
10nF
SMAT70A
UV = 36V
PWRGD = 40V
48V, 2A Hot Swap Controller
PWRGD
50V/DIV
VOUT
50V/DIV
INRUSH
CURRENT
500mA/DIV
VIN
50V/DIV
2.5ms/DIV
4256 TA02
LT4256 Start-Up Behavior


Similar Part No. - LT4256-2CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2 Datasheet
984Kb / 28P
Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
logo
Analog Devices
LT4256-2 AD-LT4256-2 Datasheet
631Kb / 24P
Surge Stopper with Fault Latchoff
4/19-REV.D
LT4256-2 AD-LT4256-2 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
LT4256-2 AD-LT4256-2 Datasheet
1Mb / 32P
High Voltage High Current Hot Swap Controller
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT4256-2CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
Positive High Voltage Hot Swap Controllers
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com