Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1063ASU Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 4 Page - Analog Devices

  ADM1063ASU Datasheet HTML 1Page - Analog Devices ADM1063ASU Datasheet HTML 2Page - Analog Devices ADM1063ASU Datasheet HTML 3Page - Analog Devices ADM1063ASU Datasheet HTML 4Page - Analog Devices ADM1063ASU Datasheet HTML 5Page - Analog Devices ADM1063ASU Datasheet HTML 6Page - Analog Devices ADM1063ASU Datasheet HTML 7Page - Analog Devices ADM1063ASU Datasheet HTML 8Page - Analog Devices ADM1063ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADM1063
Rev. 0 | Page 4 of 36
SPECIFICATIONS
VH = 3.0 V to 14.4 V1, VPn = 3.0 V to 6.0 V1, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPn
3.0
V
Minimum supply required on one of VH, VPn.
VP
6.0
V
Maximum VDDCAP = 5.1 V, typical.
VH
14.4
V
VDDCAP = 4.75 V.
VDDCAP
2.7
4.75
5.4
V
Regulated LDO output.
CVDDCAP
10
µF
Minimum recommended decoupling capacitance.
POWER SUPPLY
Supply Current, IVH, IVPn
4.2
6
mA
VDDCAP = 4.75 V, PDO1 to PDO10 off, DACs off,
ADC off.
Additional Currents
All PDO FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1 to PDO6 loaded with 1 µA
each, PDO7 to PDO10 off.
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from
all PDO pull-ups to VDDCAP.
DACs Supply Current
2.2
mA
Six DACs on with 100 µA maximum load on each.
ADC Supply Current
1
mA
Running round-robin loop.
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V.
SUPPLY FAULT DETECTORS
VH Pin
Input Attenuator Error
±0.05
%
Midrange and high range.
Detection Ranges
High Range
6
14.4
V
Midrange
2.5
6
V
VPn Pins
Input Attenuator Error
±0.05
%
Low range and midrange.
Detection Ranges
Midrange
2.5
6
V
Low Range
1.25
3
V
Ultralow Range
0.573
1.375
V
No input attenuation error.
VXn Pins
Input Impedance
1
MΩ
Detection Range
Ultralow Range
0.573
1.375
V
No input attenuation error.
Absolute Accuracy
±1
%
VREF error + DAC nonlinearity + comparator offset
error + input attenuation error.
Threshold Resolution
8
Bits
Digital Glitch Filter
0
µs
Minimum programmable filter length.
100
µs
Maximum programmable filter length.
ANALOG-TO-DIGITAL CONVERTER
Signal Range
0
VREFIN
V
The ADC can convert signals presented to the VH,
VPn, and VXn pins. VPn and VH input signals are
attenuated depending on selected range. A signal
at the pin corresponding to the selected range is
from 0.573 V to 1.375 V at the ADC input.
Input Reference Voltage on REFIN Pin, VREFIN
2.048
V
Resolution
12
Bits
INL
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V.
Gain Error
±0.05
%
VREFIN = 2.048 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com