Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1063ASU Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 5 Page - Analog Devices

  ADM1063ASU Datasheet HTML 1Page - Analog Devices ADM1063ASU Datasheet HTML 2Page - Analog Devices ADM1063ASU Datasheet HTML 3Page - Analog Devices ADM1063ASU Datasheet HTML 4Page - Analog Devices ADM1063ASU Datasheet HTML 5Page - Analog Devices ADM1063ASU Datasheet HTML 6Page - Analog Devices ADM1063ASU Datasheet HTML 7Page - Analog Devices ADM1063ASU Datasheet HTML 8Page - Analog Devices ADM1063ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADM1063
Rev. 0 | Page 5 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Conversion Time
0.44
ms
One conversion on one channel
84
ms
All 12 channels selected, 16x averaging enabled
Offset Error
±2
LSB
VREFIN = 2.048 V
Input Noise
0.25
LSBrms
Direct input (no attenuator)
TEMPERATURE SENSOR2
Local Sensor Accuracy
±3
°C
VDDCAP = 4.75 V
Local Sensor Supply Voltage Coefficient
−1.7
°C/V
Remote Sensor Accuracy
±3
°C
VDDCAP = 4.75 V
Remote Sensor Supply Voltage Coefficient
−3
°C
Remote Sensor Current Source
200
µA
High level
12
µA
Low level
Temperature for Code 0x800
0
°C
VDDCAP = 4.75 V
Temperature for Code 0xC00
128
°C
VDDCAP = 4.75 V
Temperature Resolution per Code
0.125
°C
BUFFERED VOLTAGE OUTPUT DACs
Resolution
8
Bits
Code 0x80 Output Voltage
Six DACs are individually selectable for centering
on one of four output voltage ranges
Range 1
0.592
0.6
0.603
V
Range 2
0.796
0.8
0.803
V
Range 3
0.996
1
1.003
V
Range 4
1.246
1.25
1.253
V
Output Voltage Range
601.25
mV
Same range, independent of center point
LSB Step Size
2.36
mV
INL
±0.75
LSB
Endpoint corrected
DNL
±0.4
LSB
Gain Error
1
%
Load Regulation
−4
mV
Sourcing current, IREFOUTMAX = −200 µA
2
mV
Sinking current, IREFOUTMAX = 100 µA
Maximum Load Capacitance
50
pF
Settling Time to 50 pF Load
2
µs
Load Regulation
2.5
mV
Per mA
PSRR
60
dB
DC
40
dB
100 mV step in 20 ns with 50 pF load
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current, IDACnMAX = −100 µA
0.25
mV
Sinking current, IDACnMAX = 100 µA
Minimum Load Capacitance
1
µF
Capacitor required for decoupling, stability
Load Regulation
2
mV
Per 100 µA
PSRR
60
dB
DC
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge-Pump) Mode
(PDO1 to PDO6)
Output Impedance
500
kΩ
VOH
11
12.5
14
V
IOH = 0
10.5
12
13.5
V
IOH = 1 µA
IOUTAVG
20
µA
2 V < VOH < 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com