Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849C Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849C
Description  DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849C Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83849C Datasheet HTML 29Page - National Semiconductor (TI) DP83849C Datasheet HTML 30Page - National Semiconductor (TI) DP83849C Datasheet HTML 31Page - National Semiconductor (TI) DP83849C Datasheet HTML 32Page - National Semiconductor (TI) DP83849C Datasheet HTML 33Page - National Semiconductor (TI) DP83849C Datasheet HTML 34Page - National Semiconductor (TI) DP83849C Datasheet HTML 35Page - National Semiconductor (TI) DP83849C Datasheet HTML 36Page - National Semiconductor (TI) DP83849C Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
33
www.national.com
The signal at the start of a packet is checked by the smart
squelch and any pulses not exceeding the squelch level
(either positive or negative, depending upon polarity) will
be rejected. Once this first squelch level is overcome cor-
rectly, the opposite squelch level must then be exceeded
within 150 ns. Finally the signal must again exceed the
original squelch level within 150 ns to ensure that the input
waveform will not be rejected. This checking procedure
results in the loss of typically three preamble bits at the
beginning of each packet.
Only after all these conditions have been satisfied will a
control signal be generated to indicate to the remainder of
the circuitry that valid data is present. At this time, the
smart squelch circuitry is reset.
Valid data is considered to be present until the squelch
level has not been generated for a time longer than 150 ns,
indicating the End of Packet. Once good data has been
detected, the squelch levels are reduced to minimize the
effect of noise causing premature End of Packet detection.
end of packet
start of packet
VSQ-(reduced)
VSQ-
VSQ+(reduced)
VSQ+
<150 ns
<150 ns
>150 ns
Figure 11. 10BASE-T Twisted Pair Smart Squelch Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com