Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS525 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS525 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS9LPRS525 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IDT®
PC MAIN CLOCK
1484F—08/10/12
ICS9LPRS525
PC MAIN CLOCK
6
1Signal is required to be monotonic in this region.
2 input leakage current does not include inputs with pull-up or pull-down resistors
4 Intentionally blank
7 Operation under these conditions is neither implied, nor guaranteed.
8 Frequency Select pins which have tri-level input
9 PCI3/CFG0 is optional
NOTES on Input/Supply/Common Output DC Parameters: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
5 Maximum VIH is not to exceed VDD
6 Human Body Model
3 3.3V referenced inputs are: PCI_STOP#, CPU_STOP#, TME, SRC5_EN, ITP_EN, SCLKL, SDATA, TESTMODE, TESTSEL, CKPWRGD and CR# inputs if selected.
AC Electrical Characteristics - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Rising Edge Slew Rate
tSLR
Averaging on
2.5
4
V/ns
2, 3
Falling Edge Slew Rate
tFLR
Averaging on
2.5
4
V/ns
2, 3
Slew Rate Variation
tSLVAR
Averaging on
20
%
1, 10
Differential Voltage Swing
VSWING
Averaging off
300
mV
2
Crossing Point Voltage
VXABS
Averaging off
300
550
mV
1,4,5
Crossing Point Variation
VXABSVAR
Averaging off
140
mV
1,4,9
Maximum Output Voltage
VHIGH
Averaging off
1150
mV
1,7
Minimum Output Voltage
VLOW
Averaging off
-300
mV
1,8
Duty Cycle
DCYC
Averaging on
45
55
%
2
CPU[1:0] Skew
CPUSKEW10
Differential Measurement
100
ps
1
CPU[2_ITP:0] Skew
CPUSKEW20
Differential Measurement
150
ps
1
SRC[10:0] Skew
SRCSKEW
Differential Measurement
3000
ps
1,6
1Measurement taken for single ended waveform on a component test board (not in system)
2 Measurement taken from differential waveform on a component test board. (not in system)
3 Slew rate emastured through V_swing voltage range centered about differential zero
4 Vcross is defined at the voltage where Clock = Clock#, measured on a component test board (not in system)
9 The total variation of all Vcross measurements in any particular system. Note this is a subset of V_cross min/mas (V_Cross absolute) allowed. The intent is to limit Vcross
induced modulation by setting C_cross_delta to be smaller than V_Cross absolute
5 Only applies to the differential rising edge (Clock rising, Clock# falling)
NOTES on DIF Output AC Specs: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
6 Total distributed intentional SRC to SRC skew. Maximum allowable interpair skew is 150 ps.
7 The max voltage including overshoot.
8 The min voltage including undershoot.
10 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point where Clock rising
meets Clock# falling. The median cross point is used to calculate the voltage
Clock Jitter Specs - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
CPU Jitter - Cycle to Cycle
CPUJC2C
Differential Measurement
85
ps1
SRC Jitter - Cycle to Cycle
SRCJC2C
Differential Measurement
85
ps1
DOT Jitter - Cycle to Cycle
DOTJC2C
Differential Measurement
250
ps
1
NOTES on DIF Output Jitter: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
1Jitter specs are specified as measured on a clock characterization board. System designers need to take special care not to use these numbers, as the in-system performance
will be somewhat degraded. The receiver EMTS (chispet or CPU) will have the receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com