Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS525 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS525 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS525 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ICS9LPRS525
IDT®
PC MAIN CLOCK
1484F—08/10/12
56-pin CK505 for Intel Systems
1
DATASHEET
Pin Configuration
Recommended Application:
56-pin CK505 compatible clock, w/fully integrated Vreg and series
resistors on differential outputs
Output Features:
•
2 - CPU differential low power push-pull pairs
•
7 - SRC differential push-pull pairs
•
1 - CPU/SRC selectable differential low power push-pull pair
•
1 - SRC/DOT selectable differential low power push-pull pair
•
1 - SRC/SE selectable differential push-pull pair/Single-ended
outputs
•
5 - PCI, 33MHz
•
1 - USB, 48MHz
•
1 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter <85ps
•
SRC output cycle-cycle jitter <85ps
•
PCI outputs cycle-cycle jitter <250ps
•
+/- 100ppm frequency accuracy on all outputs
•
SRC outputs meet PCIe Gen2 when sourced from PLL3
Features/Benefits:
•
Supports spread spectrum modulation, 0 to -0.5% down
spread
•
Supports CPU clks up to 400MHz
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
Table 1: CPU Frequency Select Table
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Pleas e see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please s ee the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
96.00
100.00
33.33 14.318 48.00
PCI0/CR#_A 1
56 SCLK
VDDPCI 2
55 SDATA
PCI1/CR#_B 3
54 REF0/FSLC/TEST_SEL
PCI2/TME 4
53 VDDREF
PCI3/CFG0 5
52 X1
PCI4/SRC5_EN 6
51 X2
PCI_F5/ITP_EN 7
50 GNDREF
GNDPCI 8
49 FSLB/TEST_MODE
VDD48 9
48 CK_PWRGD/PD#
USB_48MHz/FSLA 10
47 VDDCPU
GND4811
46CPUT0_LRS
VDD96IO 12
45 CPUC0_LRS
DOTT_96_LRS/SRCT0_LRS 13
44 GNDCPU
DOTC_96_LRS/SRCC0_LRS 14
43 CPUT1_F_LRS
GND 15
42 CPUC1_F_LRS
VDD 16
41 VDDCPUIO
SRCT1_LRS/SE1 17
40 NC
SRCC1_LRS/SE2 18
39 CPUT2_ITP_LRS/SRCT8_LRS
GND 19
38 CPUC2_ITP_LRS/SRCC8_LRS
VDDPLL3IO 20
37 VDDSRCIO
SRCT2_LRS/SATAT_LRS 21
36 SRCT7_LRS/CR#_F
SRCC2_LRS/SATAC_LRS 22
35 SRCC7_LRS/CR#_E
GNDSRC 23
34 GNDSRC
SRCT3_LRS/CR#_C 24
33 SRCT6_LRS
SRCC3_LRS/CR#_D 25
32 SRCC6_LRS
VDDSRCIO 26
31 VDDSRC
SRCT4_LRS 27
30 PCI_STOP#/SRCT5_LRS
SRCC4_LRS 28
29 CPU_STOP#/SRCC5_LRS
56-TSSOP


Similar Part No. - ICS9LPRS525

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
More results

Similar Description - ICS9LPRS525

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
56-pin CK505 for Intel Desktop Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
56-pin CK505 for Embedded Intel Systems
2019
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
56-pin CK505 for Intel Desktop Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com