Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LRS3187B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LRS3187B
Description  PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3187B Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LRS3187B Datasheet HTML 1Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 2Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 3Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 4Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 5Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 6Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 7Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 8Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ICS9LRS3187B
IDT® Programmable Timing Control Hub for Intel Based Systems
1602F—11/04/11
Datasheet
PROGRAMMABLE TIMING CONTROL HUB FOR
INTEL BASED SYSTEMS
1
Recommended Application:
Features/Benefits:
CK505 version 1.1 clock, with fully integrated voltage regulators
and series resistors
•
Supports spread spectrum modulation, 0 to -0.5%
down spread for CPU and SRC clocks
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Available in commercial (0 to +70°C) and industrial
(-40 to +85°C) temperature ranges
•
Meets PCIe Gen2 specifications
Pin Configuration
Output Features:
•
2 - CPU differential low power push-pull pairs
•
1 - SRC differential low power push-pull pair
•
1 - SATA differential low power push-pull pair
•
1 - DOT differential low power push-pull pair
•
1 - REF, able to drive 3 loads, 14.318MHz
•
1 - 27MHz_SS/non_SS single-ended output pair
32-pin MLF
•
CPU outputs cycle-cycle jitter <85ps
•
SRC outputs cycle-cycle jitter <125ps
•
+/- 100ppm frequency accuracy on all clocks
Key Specifications:
32 31 30 29 28 27 26 25
VDDDOT96MHz_3.3 1
24 VDDCPU_3.3
GNDDOT96MHz 2
23 CPUT0_LPR
DOT96T_LPR 3
22 CPUC0_LPR
DOT96C_LPR 4
21 GNDCPU
VDD_27MHz 5
20 CPUT1_LPR
27MHz_nonSS 6
19 CPUC1_LPR
27MHz_SS 7
18 VDDCPU_IO
GND27MHz 8
17 VDDSRC_3.3
9 10111213141516
** Internal Pull-Down Resistor
* Internal Pull-Up Resistor
9LRS3187


Similar Part No. - ICS9LRS3187B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
More results

Similar Description - ICS9LRS3187B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Device Techn...
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Renesas Technology Corp
ICS932S401 RENESAS-ICS932S401 Datasheet
389Kb / 24P
Programmable Timing Control Hub for Intel-based Servers
9LRS4206 RENESAS-9LRS4206 Datasheet
415Kb / 17P
LOW POWER PROGRAMMABLE TIMING CONTROL HUBTM FOR INTEL SYSTEMS
2019
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
Programmable Timing Control HubTM for Intel Systems
2019
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com