Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LRS3187B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LRS3187B
Description  PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3187B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LRS3187B Datasheet HTML 1Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 2Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 3Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 4Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 5Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 6Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 7Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 8Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDT® Programmable Timing Control Hub for Intel Based Systems
1602F—11/04/11
ICS9LRS3187B
Programmable Timing Control Hub for Intel Based Systems
2
Datasheet
Pin Description
Pin# Pin Name
Type Pin Description
1
VDDDOT96MHz_3.3
PWR Power pin for the 96MHz output 3.3V.
2
GNDDOT96MHz
PWR Ground pin for the 96MHz output
3
DOT96T_LPR
OUT
True DOT96 output with integrated 33ohm series resistor. No
50ohm resistor to GND needed.
4
DOT96C_LPR
OUT
Complement DOT96 output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
5
VDD_27MHz
PWR Power pin for the 27MHz output 3.3V.
6
27MHz_nonSS
OUT
3.3V Single-ended 27MHz non-spread clock.
7
27MHz_SS
OUT
3.3V Single-ended 27MHz spread clock.
8
GND27MHz
OUT
Ground pin for the 27MHz outputs.
9
GNDSATA
PWR Ground pin for the SATA outputs.
10
SATAT_LPR
OUT
True clock of differential 0.8V push-pull SATA/SRC output with
integrated 33ohm series resistor. No 50ohm resistor to GND
needed.
11
SATAC_LPR
OUT
Complementary clock of differential 0.8V push-pull SATA/SRC
output with integrated 33ohm series resistor. No 50ohm resistor
to GND needed.
12
GNDSRC
PWR Ground pin for the SRC outputs
13
SRCT1_LPR
OUT
True clock of differential 0.8V push-pull SRC output with
integrated 33ohm series resistor. No 50ohm resistor to GND
needed.
14
SRCC1_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output
with integrated 33ohm series resistor. No 50ohm resistor to
GND needed.
15
VDDSRC_IO
PWR 1.05V to 3.3V from external power supply
16
*CPU_STOP#
IN
Stops all CPU clocks, except those set to be free running
clocks
17
VDDSRC_3.3
PWR Supply for SRC clocks, 3.3V nominal
18
VDDCPU_IO
PWR 1.05V to 3.3V from external power supply
19
CPUC1_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU
outputs with integrated 33ohm series resistor. No 50 ohm
resistor to GND needed.
20
CPUT1_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with
integrated 33ohm series resistor. No 50 ohm resistor to GND
needed.
21
GNDCPU
PWR Ground pin for the CPU outputs.
22
CPUC0_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU
outputs with integrated 33ohm series resistor. No 50 ohm
resistor to GND needed.
23
CPUT0_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with
integrated 33ohm series resistor. No 50 ohm resistor to GND
needed.
24
VDDCPU_3.3
PWR Supply for CPU clocks, 3.3V nominal
25
CLKPWRGD/PD#_3.3
IN
Notifies CK505 to sample latched inputs, or PWRDWN# mode
26
GNDREF
PWR Ground pin for the REF outputs.
27
X2
OUT
Crystal output, Nominally 14.318MHz
28
X1
IN
Crystal input, Nominally 14.318MHz
29
VDDREF_3.3
PWR Power pin for the XTAL and REF clocks, nominal 3.3V
30
REF_2/FSLC_3.3**
I/O
14.318 MHz reference clock, which can drive 2 loads / 3.3V
tolerant input for CPU frequency selection. Refer to input
electrical characteristics for Vil_FS and Vih_FS values.
31
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant
32
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com