Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC801 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 61Page - NXP Semiconductors MPC801 Datasheet HTML 62Page - NXP Semiconductors MPC801 Datasheet HTML 63Page - NXP Semiconductors MPC801 Datasheet HTML 64Page - NXP Semiconductors MPC801 Datasheet HTML 65Page - NXP Semiconductors MPC801 Datasheet HTML 66Page - NXP Semiconductors MPC801 Datasheet HTML 67Page - NXP Semiconductors MPC801 Datasheet HTML 68Page - NXP Semiconductors MPC801 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Current Consumption" below.
To protect on board devices against supply spikes, decoupling capacitors (typically 0.1
µF) are
provided between the devices’ power leads and GND, located as close as possible to the power
leads.
4•13•1
5V Bus
Some of the FADS peripherals reside on the 5V bus. Since the MPC is 5V friendly, it may operate
with 5V levels on its lines with no damage. The 5V bus is connected to an external power connector
via a fuse (5A).
To protect against reverse-voltage or over-voltage being applied to the 5V inputs a set of high-current
diodes and zener diode is connected between the 5V bus GND. When either over or reverse voltage
is applied to the FADS, the protection logic will blow the fuse, while limiting the momentary effects on
board.
4•13•2
3.3V Bus
The MPC itself as well as the SDRAM, the address and data buffers are powered by the 3.3A bus,
which is produced from the 5V bus using a special low-voltage drop, linear voltage regulator made
by Micrel, the MIC29500-3.3BT which is capable of driving upto 5A, facilitating operation of external
logic as well.
4•13•3
12V Bus
The sole purpose of the 12V bus is to supply VPP (programming voltage) for the PCMCIA card and
for the Flash SIMMB. It is connected to a dedicated input connector via a fuse (1A) and protected from
over / reverse voltage application.
If the 12V supply is not required for either the PC-Card and for the flash SIMM, the 12V input to the
FADS may be omitted.
A. At full speed. When lower performance is needed the internal logic may be powered from the 2V bus.
B. If necessary.
TABLE 4-26. Off-board Application Maximum Current Consumption
Power BUS
Current
5V
2A
3.3V
2A
2V
0.5A
12V
100 mA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com