Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC801 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 67Page - NXP Semiconductors MPC801 Datasheet HTML 68Page - NXP Semiconductors MPC801 Datasheet HTML 69Page - NXP Semiconductors MPC801 Datasheet HTML 70Page - NXP Semiconductors MPC801 Datasheet HTML 71Page - NXP Semiconductors MPC801 Datasheet HTML 72Page - NXP Semiconductors MPC801 Datasheet HTML 73Page - NXP Semiconductors MPC801 Datasheet HTML 74Page - NXP Semiconductors MPC801 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
in TABLE 5-5. "P5 - Interconnect Signals" below
5•1•6
P6 - 5V Power Connector
The 5V power connector - P6, is a 3-lead, two-part terminal block. The male part is soldered to the
pcb, while the receptacle is connected to the power supply. That way fast connection / disconnection
of power is facilitated and physical efforts are avoided on the solders, which therefore maintain solid
connection over time.
TABLE 5-5. P5 - Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
VFLS0
O
Visible history FLushes Status 0. Indicates in conjunction with
VFLS1, the number of instructions flushed from the core’s history
buffer. Indicates also whether the MPC is in debug mode. If not
using the debug port, may be configured for alternate function.
When the FADS is disconnected from the ADI bundle, it may be
FRZ signal, depended on J1’s position.
2
SRESET~
I/O
Soft Reset line of the MPC. Active-low, Open-Drain.
3
GND
Ground.
4
DSCK
I/O
Debug Serial Clock. Over the rising edge of which serial date is
sampled by the MPC from DSDI signal. Over the falling edge of
which DSDI is driven towards the MPC and DSDO is driven by
the MPC. Configured on the MPC’s JTAG port.
When the debug-port controller is on the local MPC or when the
FADS is a debug-port controller for a target system - OUTPUT,
when the FADI bundle is disconnected from the FADS - INPUT.
5
GND
Ground
6
VFLS1
O
See VFLS0. When the FADS is disconnected from the ADI
bundle, it may be FRZ signal, depended on J1’s position.
7
HRESET~
I/O
Hard Reset line of the MPC. Active-low, Open-Drain
8
DSDI
I/O
Debug Serial Data In of the debug port. Configured on the MPC’s
JTAG port.
When the debug-port controller is on the local MPC or when the
FADS is a debug-port controller for a target system - OUTPUT,
when the ADI bundle is disconnected from the FADS - INPUT.
9
V3.3
O
3.3V Power indication. This line is merely for indication. No
significant power may be drawn from this line.
10
DSDO
I/O
Debug Serial Data Output from the MPC. Configured on the
MPC’s JTAG port.
When the debug-port controller is on the local MPC or when the
ADI bundle is disconnected from the FADS - OUTPUT, when the
FADS is a debug-port controller for a target system - INPUT.
TABLE 5-6. P6 - Interconnect Signals
Pin
Number
Signal Name
Description
1
5V
5V input from external power supply.
2
GND
GND line from external power supply.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com