Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6136 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation SP6136 Datasheet HTML 10Page - Sipex Corporation SP6136 Datasheet HTML 11Page - Sipex Corporation SP6136 Datasheet HTML 12Page - Sipex Corporation SP6136 Datasheet HTML 13Page - Sipex Corporation SP6136 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
Lp is due to wiring and PCB traces connecting
input capacitors and switching MOSFETs.
For typical Lp of 2nH and Vin of 2V, di/dt
is 1A/ns. Substituting for di/dt in equation
(6) we get Qgd = 2 nC.
In selecting a package type, the main con-
siderations are cost, power/current handling
capability and space constraints. A larger
package in general offers higher power and
current handling at increased cost. Package
selection can be narrowed down by calculat-
ing the required junction-to-ambient thermal
resistance
θja:
θja =
{Tj(max) - Ta(max)
)}
/ P(max)
........... (7)
Where:
Tj(max) is the die maximum tem-
perature rating, Ta(max) is maximum ambient
temperature, and P(max) is maximum power
dissipated in the die.
It is common practice to add a guard-band
of 25˚C to the junction temperature rating.
Following this convention, a 150˚C rated
MOSFETwillbedesignedtooperateat125˚C
(i.e., Tj(max)
= 125˚C). P(max) = 0.88W (from
section 4) and Ta(max)
= 40˚C as specified in
the design example. Substituting in equation
(7) we get
θja
= 96.6 ˚C/W.
For the top MOSFET, we now have deter-
mined the following requirements; BVdss =
30V, Rds(on) = 0.7mW, Qgd = 2 nC and θja
< 96.6˚C/W.An SO-8 MOSFET that meets the
requirements is Vishay-Siliconix’s Si4394DY;
BVdss = 30V, Rds(on) = 9.75mW @ Vgs = 4.5V,
Qgd = 2.nC and θja
= 90 ˚C/W.
The bottom MOSFET has the requirements of
BVdss = 30V and Rds(on) = 5.4mW. Vishay-
Siliconix’s Si4320DYmeets the requirements;
BVdss = 30V, Rds(on) = 4mW @ Vgs = 4.5V.
Power Good
Power Good (PWRGD) is an open drain
output that is pulled low when Vout is out-
side regulation. The PWRGD pin can be
connected to VCC with an external 10KW
resistor. During startup, output regulates
when Soft Start (SS) reaches 0.8V (the refer-
ence voltage). PWRGD is enabled when SS
reaches .6V. PWRGD output can be used
as a “Power on Reset”. The simplest way to
adjust delay of the “Power on Reset” signal
with respect to Vout in regulation is with the
Soft Start Capacitor (C
ss) and is given by:
C
ss = (Iss • Tdelay)/0.8 where Iss is the Soft
Start charge current (0µA nominal).
Under Voltage Lock Out (UVLO)
The SP636 has two separate UVLO com-
parators to monitor the bias (Vcc) and Input
(Vin) voltages independently. The Vcc UVLO
is internally set to 4.25V. The Vin UVLO is
programmable through UV
in pin. When
UVIN pin is greater than 2.5V the SP636
is permitted to start up pending the removal
of all other faults. A pair of internal resistors
is connected to UVIN as shown in figure 4.
Therefore without external biasing the Vin
start threshold is 9.5V.Asmall capacitor may
be required between UVIN and GND to filter
out noise. For applications with Vin of 5V or
3.3V, connect UVIN directly to Vin.
Figure 4- Internal and external bias of UVIN
To program the Vin start threshold, use a
pair of external resistors as shown. If external
resistors are an order of magnitude smaller
SP613X
R4
R5
+
-
40
K
50K
2.5V ON
2.2V OFF
GND
UVIN
VIN
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com