Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6136 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation SP6136 Datasheet HTML 10Page - Sipex Corporation SP6136 Datasheet HTML 11Page - Sipex Corporation SP6136 Datasheet HTML 12Page - Sipex Corporation SP6136 Datasheet HTML 13Page - Sipex Corporation SP6136 Datasheet HTML 14Page - Sipex Corporation SP6136 Datasheet HTML 15Page - Sipex Corporation SP6136 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
IL(rms) =
Iout(max) X
√+ •{ Ipp }2
3
Iout(max)
Output Capacitor Selection
The required ESR (Equivalent Series Re-
sistance) and capacitance drive the selec-
tion of the type and quantity of the output
capacitors. The ESR must be small enough
that both the resistive voltage deviation due
to a step change in the load current and
the output ripple voltage do not exceed
the tolerance limits expected on the output
voltage. During an output load transient,
the output capacitor must supply all the ad-
ditional current demanded by the load until
the SP636 adjusts the inductor current to
the new value.
Therefore, the capacitance must be large
enough so that the output voltage is held up
while the inductor current ramps up or down
to the value corresponding to the new load
current. Additionally, the ESR in the output
capacitor causes a step in the output voltage
equaltothecurrent. Becauseofthefasttran-
sient response and inherent 00% and 0%
duty cycle capability provided by the SP636
when exposed to output load transients, the
output capacitor is typically chosen for ESR,
not for capacitance value.
The output capacitor’s ESR, combined with
the inductor ripple current, is typically the
main contributor to output voltage ripple.
The maximum allowable ESR required to
maintain a specified output voltage ripple
can be calculated by:
RESR
< ΔVout
ipk-pk
where:
ΔVout = Peak to Peak Output Voltage Ripple
ipk-pk = Peak to Peak Inductor Ripple Current
The total output ripple is a combination of
the ESR and the output capacitance value
and can be calculated as follows:
ΔVout =
.
.
√
(Ipp•REsr)
2
+
{ Ipp •
(1-d) }
2
Cout •
Fs
where:
Fs = Switching Frequency
D = Duty Cycle
Cout = Output Capacitance Value
Input Capacitor Selection
The input capacitor should be selected for
ripple current rating, capacitance and voltage
rating. The input capacitor must meet the
ripple current requirement imposed by the
switching current. In continuous conduction
mode, the source current of the high-side
MOSFET is approximately a square wave
of duty cycle Vout/VIN. Most of this current
is supplied by the input bypass capacitors.
The RMS value of input capacitor current is
determined at the maximum output current
and under the assumption that the peak to peak
inductor ripple current is low, it is given by:
.
Icin
(rms) = Iout(max) X
√ D • (-D)
Schottky Diode Selection
When paralleled with the bottom MOSFET,
an optional Schottky diode can improve
efficiency and reduce noise. Without this
Schottky diode, the body diode of the bot-
tom MOSFET conducts the current during
the non-overlap time when both MOSFETs
are turned off. Unfortunately, the body di-
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com