Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T210WAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T210WAS
Description  30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T210WAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH08T210WAS Datasheet HTML 9Page - Texas Instruments PTH08T210WAS Datasheet HTML 10Page - Texas Instruments PTH08T210WAS Datasheet HTML 11Page - Texas Instruments PTH08T210WAS Datasheet HTML 12Page - Texas Instruments PTH08T210WAS Datasheet HTML 13Page - Texas Instruments PTH08T210WAS Datasheet HTML 14Page - Texas Instruments PTH08T210WAS Datasheet HTML 15Page - Texas Instruments PTH08T210WAS Datasheet HTML 16Page - Texas Instruments PTH08T210WAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
TurboTrans™ Technology
TurboTrans™ Selection
PTH08T210W
SLTS262D – OCTOBER 2005 – REVISED OCTOBER 2006
TurboTrans technology is a feature introduced in the T2 generation of the PTH/PTV family of power modules.
TurboTrans optimizes the transient response of the regulator with added external capacitance using a single
external resistor. The, benefits of this technology include: reduced output capacitance, minimized output voltage
deviation following a load transient, and enhanced stability when using ultra-low ESR output capacitors. The
amount of output capacitance required to meet a target output voltage deviation, is reduced with TurboTrans
activated. Likewise, for a given amount of output capacitance, with TurboTrans engaged, the amplitude of the
voltage deviation following a load transient will be reduced. Applications requiring tight transient voltage
tolerances and minimized capacitor footprint area benefit from this technology.
Utilizing TurboTrans requires connecting a resistor, RTT, between the +Sense pin (pin 10) and the TurboTrans
pin (pin 13). The value of the resistor directly corresponds to the amount of output capacitance required. All T2
products require a minimum value of output capacitance whether or not TurboTrans is used. For the
PTH08T210W, the minimum required capacitance is 470
µF. When using TurboTrans, capacitors with a
capacitance
× ESR product below 10,000 µF × mΩ are required. (Multiply the capacitance (in µF) by the ESR (in
m
Ω) to determine the capacitance × ESR product.) See the Capacitor Selection section of the datasheet for a
variety of capacitors that meet this criteria.
Figure 11 through Figure 16, show the amount of output capacitance required to meet a desired transient
voltage deviation with and without TurboTrans for several capacitor types; Type A (e.g. ceramic), Type B
(e.g. polymer-tantalum), and Type C (e.g. OS-CON). To calculate the proper value of RTT, first determine the
required transient voltage deviation limits and magnitude of the transient load step. Next, determine what type of
output capacitors to be used. (If more than one type of output capacitor is used, select the capacitor type that
makes up the majority of the total output capacitance.) Knowing this information, use the chart in Figure 11
through Figure 16 that corresponds to the capacitor type selected. To use the chart, begin by dividing the
maximum voltage deviation limit (in mV) by the magnitude of the load step (in Amps). This gives a mV/A value.
Find this value on the Y-axis of the appropriate chart. Read across the graph to the 'With TurboTrans' plot. From
this point, read down to the X-axis which lists the minimum required capacitance, CO, to meet the transient
voltage deviation. The required RTT resistor value can then be calculated using Equation 1 or selected from the
TurboTrans table. The TurboTrans tables include both the required output capacitance and the corresponding
RTT values to meet several values of transient voltage deviation for 25% (7.5 A), 50% (15 A), and 75% (22.5 A)
output load steps.
The chart can also be used to determine the achievable transient voltage deviation for a given amount of output
capacitance. Selecting the amount of output capacitance along the X-axis, reading up to the 'With TurboTrans'
curve, and then over to the Y-axis, gives the transient voltage deviation limit for that value of output capacitance.
The required RTT resistor value can be calculated using Equation 1 or selected from the TurboTrans table.
As an example, let's look at a 12-V application requiring a 75 mV deviation during a 15 A, 50% load transient. A
majority of 330
µF, 10 mΩ output capacitors will be used. Use the 12 V, Type B capacitor chart, Figure 13.
Dividing 75 mV by 15 A gives 5 mV/A transient voltage deviation per amp of transient load step. Select 5 mV/A
on the Y-axis and read across to the 'With TurboTrans' plot. Following this point down to the X-axis gives us a
minimum required output capacitance of approximately 1300
µF. The required R
TT resistor value for 1300 µF
can then be calculated or selected from Figure 13. The required RTT resistor is approximately 10.2 kΩ.
To see the benefit of TurboTrans, follow the 5 mV/A marking across to the 'Without TurboTrans' plot. Following
that point down shows that a minimum of 8200
µF of output capacitance is required to meet the same transient
deviation limit. This is the benefit of TurboTrans. A typical TurboTrans application schematic is shown in
Figure 17.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com