Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T210WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T210WAS
Description  30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T210WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T210WAS Datasheet HTML 1Page - Texas Instruments PTH08T210WAS Datasheet HTML 2Page - Texas Instruments PTH08T210WAS Datasheet HTML 3Page - Texas Instruments PTH08T210WAS Datasheet HTML 4Page - Texas Instruments PTH08T210WAS Datasheet HTML 5Page - Texas Instruments PTH08T210WAS Datasheet HTML 6Page - Texas Instruments PTH08T210WAS Datasheet HTML 7Page - Texas Instruments PTH08T210WAS Datasheet HTML 8Page - Texas Instruments PTH08T210WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
PTH08T210W
2,6
5, 9
13
+
12
VI
Track
GND
TT
7,8
3,4
GND
GND
+Sense
10
L
O
A
D
−Sense
GND
+
1
Inhibit
INH/UVLO
Track
14
11
−Sense
+Sense
UDG−05097
RTT
1%
0.05 W
(Optional)
CO
470
µF
(Required)
VO
RSET
1%
0.05 W
(Required)
CI
470
µF
(Required)
RUVLO
1%
0.05 W
(Opional)
VOAdj
TurboTranst
VO
VI
PTH08T210W
SLTS262D – OCTOBER 2005 – REVISED OCTOBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET is required to set the output voltage higher than 0.7 V. See the Electrical Characteristics table.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com