Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP200-P35 Datasheet(PDF) 3 Page - FSP TECHNOLOGY INC.

Part # FSP200-P35
Description  200W ITE POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP200-P35 Datasheet(HTML) 3 Page - FSP TECHNOLOGY INC.

  FSP200-P35 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.fsp-group.com.tw
MECHANICAL SPECIFICATIONS
NOTES:
1. Dimensions shown in inches [mm]
2. Ground pad: 8 x 6.35 x 0.8 mm
3. Weight: 240 grams (0.529 lbs.) approx.
4. Please contact with sales office for P/N which PSU comply with EN 61558-1.
© 2022 FSP Group. All Rights Reserved. All trademarks are registered to their respective owners.
2022.10 spec
TECHNICAL DATASHEET
200W ITE POWER SUPPLIES
FSP200-P35 Series
Pin No.
1
2
3
Function
N
 
L
Wafer
JST B2P3-VH
or equivalent
Pin assignment:
Input connector (IN1):
Pin No.
1, 2, 3
4, 5, 6
Function
+12V
GND
Wafer
JST B6P-VH
or equivalent
Output connector (CN200):
Pin No.
1
2
Function
+12V
GND
Wafer
MOLEX
22-27-2021
or equivalent
Pin assignment of CN201:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com