Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP200-P35 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP200-P35
Description  200W ITE POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP200-P35 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP200-P35 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSP200-P35 Series
FEATURES
•
Class-I design
•
Design to meet IEC 60950-1, IEC 60065-1, IEC 62368-1 & IEC
61558-1 (optional *note1) safety standard
•
Low profile 3 x 5 x 1.284 inches
•
No load power consumption less than 0.21W
•
EN 55032 Class B radiated emission
•
High altitude 5000 meters operation
•
OTP, Brown out protection
•
Fan driver 12V
DESCRIPTION
This AC-DC switching power supplies in a package of 3 x 5 inches is a Class-I PSU and no load power consumption less than 0.21W.
This PSU is capable of delivering 200 watts continuous power at 7 CFM forced air cooling or 150 watts continuous power at convection
cooling and 50℃ operation temperature. Product is suitable for audio & video, display, house hold (Europe), information, and
networking application
INPUT SPECIFICATIONS
Input voltage:
Input frequency:
Input current:
No load power consumption
Earth leakage current:
Touch current:
90-264 VAC
47-63 Hz
1.7 A (rms) for 115 VAC
0.8 A (rms) for 230 VAC
≦
0.21W
0.75 mA max. @ 264 VAC, 63 Hz
0.25 mA max. @ 264 VAC, 63 Hz
GENERAL SPECIFICATIONS
Power factor:
Efficiency:
Power turn-on time:
Hold-up time:
Line regulation:
Inrush current:
Operating altitude:
Withstand voltage:
Isolation Resistance:
MTBF:
EMC Performance
EN55032
FCC:
VCCI:
EN61000-3-2:
EN61000-3-3:
EN61000-4-2:
EN61000-4-3:
EN61000-4-4:
EN61000-4-5:
EN61000-4-6:
EN61000-4-8:
EN61000-4-11:
0.98 minimum @ 115VAC & 100% load
0.93 minimum @ 230VAC & 100% load
See rating chart.
1.5 Sec maxi.
20 mS minimum at 115 VAC @ 150W
8 mS minimum at 115VAC @ 200W
±0.5% maximum at full load
40 A @ 115 VAC, at 25℃ cold start, 150W
80 A @ 230 VAC, at 25℃ cold start, 150W
5000 meters above sea level
3000 VAC from input to output,
1500 VAC from input to ground,
1500 VAC from output to ground
Input to output 100M ohm @ 500Vdc, 25℃
400,000 hours mini. at full load at 25℃ ambient, calculaed
per TELCORDIA SR-332
Class B conducted, class B radiated
Class B conducted, class B radiated
Class B conducted, class B radiated
Harmonic distortion, class A and D
Line flicker
ESD, ±8 KV air and ±4 KV contact
Radiated immunity, 3 V/m
Fast transient/burst, ±1 KV
Surge, ±1 KV diff., ±2 KV com
Conducted immunity, 3 Vrms
Magnetic field immunity, 1 A/m
Voltage dip immunity,
30% reduction for 500 ms, criteria A
>95% reduction for 10 ms, criteria A
>95% reduction for 5000 mS, criteria B
OUTPUT SPECIFICATIONS
Output voltage/current:
Fan driver:
Total output power:
Protection:
Over voltage:
Short circuit:
Over current:
Over temperature:
Brown out:
Temperature coefficient:
Transient response:
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
Storage temperature
Relative humidity:
Derating:
See rating chart.
Non-regulated 12V @ 500 mA max.
200W
Latch off
Auto recovery
Auto recovery
Latch off
Set at 75VAC
All outputs ±0.04% /℃ maximum
Maximum excursion of 4% or better on
all models, recovering to 1% of final
value within 500 us after a 25% step
load change
-20℃~+70℃
-40℃~+85℃
5% to 95% non-condensing
Derate from 100% at +50℃ linearly to
50% at +70℃, applicable to both
convection and forced-air cooling
conditions
SAFETY STANDARD APPROVAL
1
www.fsp-group.com.tw
TECHNICAL DATASHEET
200W ITE POWER SUPPLIES
FSP200-P35 Series
© 2022 FSP Group. All Rights Reserved. All trademarks are registered to their respective owners.
2022.10 spec
188668
C
US


Similar Part No. - FSP200-P35

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP200-1FUA-12 FSP-FSP200-1FUA-12 Datasheet
136Kb / 1P
LED Lighting
FSP200-1FUB-24 FSP-FSP200-1FUB-24 Datasheet
136Kb / 1P
LED Lighting
FSP200-1FUB-36 FSP-FSP200-1FUB-36 Datasheet
137Kb / 1P
LED Lighting
FSP200-1FUB-48 FSP-FSP200-1FUB-48 Datasheet
137Kb / 1P
LED Lighting
logo
Sparkle Power Inc.
FSP200-40AT SPI-FSP200-40AT Datasheet
67Kb / 1P
200 Watts Flex AT Switching Power Supply
More results

Similar Description - FSP200-P35

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
200W Compact AC/DC Power Supplies
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP150-P35 FSP-FSP150-P35 Datasheet
442Kb / 3P
150W ITE POWER SUPPLIES
2019.04
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
250W ITE Power Supplies
2022.04
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
350W ITE POWER SUPPLIES
2022.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com