Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD15VD3BHE3 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD15VD3BHE3
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD15VD3BHE3 Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD15VD3BHE3 Datasheet HTML 1Page - Micro Commercial Components ESD15VD3BHE3 Datasheet HTML 2Page - Micro Commercial Components ESD15VD3BHE3 Datasheet HTML 3Page - Micro Commercial Components ESD15VD3BHE3 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCCSEMI.COM
Rev.3-1-12022022
1/4
ESD15VD3BHE3
ESD
Protection
Device
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
Air
Contact
PPK
Peak Pulse Power (8/20μs)
250W
Internal Structure
MCC
Part Number
Device Marking
ESD15VD3BHE3
15B.
±30KV
±30KV
IEC61000-4-2(ESD)
Features
Maximum Ratings
• AEC-Q101 Qualified
• Protects One Data or Power Line
• Low Leakage
• Ultra Low Clamping Voltage
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Halogen Free. “Green” Device (Note 1)
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
Compliant. See Ordering Information)
SOD-323
0.56mm
1.88mm
0.69mm
MIN
MAX
MIN
MAX
A
0.090 0.107 2.30
2.70
B
0.063 0.071 1.60
1.80
C
0.045 0.053 1.15
1.35
D
0.031 0.045 0.80
1.15
E
0.010 0.016 0.25
0.40
G
0.004 0.018 0.10
0.45
H
0.004 0.010 0.10
0.25
J
----- 0.006
-----
0.15
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
E
C
J
D
H
G
Suggested Solder Pad Layout
Note: 1. Halogen free "Green” products are defined as those which contain <900ppm bromine,
<900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds.
15B. 
Marking Information


Similar Part No. - ESD15VD3BHE3

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESD15VD3B YINT-ESD15VD3B Datasheet
505Kb / 3P
ESD Protection Diode
More results

Similar Description - ESD15VD3BHE3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
ESD Protection Device
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
ESD protection device
3 September 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com