Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCF Datasheet(PDF) 7 Page - Exxelia Group

Part # TCF
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCF Datasheet(HTML) 7 Page - Exxelia Group

Back Button TCF Datasheet HTML 3Page - Exxelia Group TCF Datasheet HTML 4Page - Exxelia Group TCF Datasheet HTML 5Page - Exxelia Group TCF Datasheet HTML 6Page - Exxelia Group TCF Datasheet HTML 7Page - Exxelia Group TCF Datasheet HTML 8Page - Exxelia Group TCF Datasheet HTML 9Page - Exxelia Group TCF Datasheet HTML 10Page - Exxelia Group TCF Datasheet HTML 11Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CERAMIC CAPACITORS
49
www.exxelia.com
General characteristics
Page revised 11/22
C4xx DIELECTRIC
This ceramic is a negative temperature coefficient dielectric (–2,200 ppm/°C).
Its advantage is that it combines the high dielectric constant of an X7R dielectric
with the stability of an NPO dielectric. As the C4xx ceramic features low dissi-
pation factor it is recommended for AC line filtering from 110 Vrms to 230 Vrms,
20 to 400 Hz, for high power RF at high voltage up to 5,000 V and for pulse ap-
plications.
C4xx: TEMPERATURE COEFFICIENT
C4xx: VOLTAGE COEFFICIENT
COMPARISON OF CAPACITANCE VALUE UNDER RATED VOLTAGE AT 125°C
COMPARISON OF SELF-HEATING AT 400 Hz BETWEEN C4xx AND X7R DIELECTRICS
–30
–55
–35
–15
5
25
45
65
85
105
125
–25
–20
–15
–10
–5
0
5
10
15
20
∆C/C (%)
V
(°C)
Nominal
Limit
20
25
30
35
40
45
50
55
Temperature (°C)
Voltage
Un
2 Un
3 Un
X7R
C4xx
–8
–6
–4
–2
0
∆C/C (%)
–16
0
20
40
60
80
100
–14
–12
–10
Percentage of rated voltage (%)
Standard
Extended
General Information
0.1
1
10
100
1000
Size 1812
Size 4040
Size 16080
NPO
C4xx
X7R
NPO
NPO
C4xx
C4xx
X7R
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com