Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCF Datasheet(PDF) 1 Page - Exxelia Group

Part # TCF
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCF Datasheet(HTML) 1 Page - Exxelia Group

  TCF Datasheet HTML 1Page - Exxelia Group TCF Datasheet HTML 2Page - Exxelia Group TCF Datasheet HTML 3Page - Exxelia Group TCF Datasheet HTML 4Page - Exxelia Group TCF Datasheet HTML 5Page - Exxelia Group TCF Datasheet HTML 6Page - Exxelia Group TCF Datasheet HTML 7Page - Exxelia Group TCF Datasheet HTML 8Page - Exxelia Group TCF Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
54
www.exxelia.com
Taping : dimensions
Page revised 02/21
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
C4XX
X7R
Dielectriccode
1
4
2
Maximum ∆C/°C
over temperature range without
voltage
NA
NA
±15%
Temperature coefficient
(0±30) ppm/°C
(–2,200±500) ppm/°C
NA
Aging
None
None
≤ 2.5% per decade hour
Operating temperature
–55°C to +125°C
Rated voltage (URC)
200 VDC to
10,000 VDC
200 VDC to
5,000 VDC
200 VDC to
10,000 VDC
Dielectric
withstanding voltage
2.5 URC for URC ≤ 500 VDC
1.6 URC for URC ≥ 1,000 VDC
Extended range:
2 URC for URC ≤ 500 VDC
1.3 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.4 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.2 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
Capacitance
at 1MHz for C ≤ 1,000pf
at 1kHz for C > 1,000pf
at 1kHz
at 1kHz
Dissipation factor
≤ 0.015(150/C+7)%at1MHz
for C ≤ 50pf
≤ 0.10% at 1 kHz
≤ 2.5% at 1 kHz
≤ 0.15% at 1MHz
for 50pf < C ≤ 1,000pf
≤ 0.15% at 1 kHz
for C > 1,000pf
Insulation resistance at 25°C
under URC for URC ≤ 500 V
under 500 VDC for URC > 500 V
≥ 100,000 MΩ for C ≤ 10nf
≥ 1,000 MΩ.
µF for C > 10nf
≥ 20,000 MΩ for C ≤ 25nf
≥ 500 MΩ.
µF for C > 25nf
Voltage proof body
insulation
under URC for URC ≤ 1,250 VDC
under 1,300 VDC for URC > 1,250 VDC
FEATURES
• Multilayer chip ceramic capacitors
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39µ
F
• Voltage range: 200 VDC to 10,000 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Epoxy conformal coated radial leaded capacitors suited to
through-hole circuits.
MARKING
Series, capacitance value, tolerance, rated voltage, date code.
HOW TO ORDER
TCF
1
82
W
F
680pF
10%
4,000 V
B
Series
Dielectric code
Exxelia
size code
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
Reliability level
TCF = Conformal
coated radial leaded
capacitor
1 = NPO
2 = X7R
4 = C4xx
79
90
80
91
81
82
83
84
89
85
87
88
- = No RoHS
W = RoHS
compliant
- = standard quality
level
F = Hi-Rel quality:
screening
in accordance with
Exxelia specification
Capacitance value
in clear
NPO dielectric:
±1%
±2%
±5%
±10%
±20%
C4xx dielectric:
±2%
±5%
±10%
±20%
X7R dielectric:
±10%
±20%
200 V
500 V
1,000 V
1,500 V
2,000 V
3,000 V
4,000 V
5,000 V
7,500 V
10,000 V
Intermediary and
higher voltages
available: contact
your sales
representative.
For F parts only.
Acc. to Exxelia spec.
-
T5
T6
See page 15
ESA Qualified
According to
Available space ranges:
consult our detail
specifications
TCF Series
High Voltage Conformal Coated Leaded Capacitors


Similar Part No. - TCF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCF TAITRON-TCF Datasheet
275Kb / 6P
SMD Long Life Electrolytic Caps
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC-RM MOXA-TCF-142-M-SC-RM Datasheet
560Kb / 3P
RS-232/422/485 to fiber slide-in modules for the NRack System
More results

Similar Description - TCF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
High CV Conformal Coated Radial Leaded Capacitors
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
logo
Exxelia Group
TEF EXXELIA-TEF Datasheet
2Mb / 16P
Radial Leaded Conformal Coated Capacitors
02/21
TKD EXXELIA-TKD Datasheet
791Kb / 17P
High Voltage Conformal Coated Leaded Capacitors
02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com