Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M60 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 2M60
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M60 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 2M60 Datasheet HTML 3Page - ATMEL Corporation 2M60 Datasheet HTML 4Page - ATMEL Corporation 2M60 Datasheet HTML 5Page - ATMEL Corporation 2M60 Datasheet HTML 6Page - ATMEL Corporation 2M60 Datasheet HTML 7Page - ATMEL Corporation 2M60 Datasheet HTML 8Page - ATMEL Corporation 2M60 Datasheet HTML 9Page - ATMEL Corporation 2M60 Datasheet HTML 10Page - ATMEL Corporation 2M60 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
5440A–IMAGE–10/05
[Preliminary] ATMOS -2M60/2M30
If shutter time is set to > 0:
Readout is suspended between two consecutive frame readout and shutter output signal is acti-
vated (programmable polarity) for a time configurable within 0 to Tsh range by step of T1.
Figure 4-2.
Free-run Mode and Shutter Chronogram
The maximum frame rate of 48 frame/s for the 2M60 camera (or 24 frame/s for the 2M30 cam-
era) is given in this mode with a shutter time set to 0.
See register Aperture Shutter Time @ 246H, Internal Register Mapping on page 16.
4.1.3
Triggered Mode
Principle: An external trigger starts the reset of the sensor, then snap and readout of a frame,
the integration time is defined by readout time (+ programmable shutter time, when used).
The trigger event initiates the following sequence:
• Stop of readout frame in progress and reset of readout pointer to line 1
• Readout of previous dummy frame and integration start of the frame N. The readout data of
previous frame is not forwarded on Camera Link interface (FVAL inactive)
• Shutter output signal is activated during a time programmable within 0 to Tsh range by step
of T1
Table 4-1.
Shutter Time Values at Free-run Mode
Label
Description
2M60
2M30
Tsh
Maximum shutter time (ms)
655
1310
T1
Step duration (µs)
10
20
Line 1
Integration
(Frame N)
Readout
and Reset
Line n
Integration
(Frame N)
Frame N
Programmable
Shutter Time
Shutter
Line n Readout
and Reset
Readout Time
Readout
Frame N - 1
Time
out
Line 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com