Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M60 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # 2M60
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M60 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button 2M60 Datasheet HTML 9Page - ATMEL Corporation 2M60 Datasheet HTML 10Page - ATMEL Corporation 2M60 Datasheet HTML 11Page - ATMEL Corporation 2M60 Datasheet HTML 12Page - ATMEL Corporation 2M60 Datasheet HTML 13Page - ATMEL Corporation 2M60 Datasheet HTML 14Page - ATMEL Corporation 2M60 Datasheet HTML 15Page - ATMEL Corporation 2M60 Datasheet HTML 16Page - ATMEL Corporation 2M60 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
5440A–IMAGE–10/05
[Preliminary] ATMOS -2M60/2M30
5.6
Look- up Table (LUT)
The look-up Table is a conversion table which applies to the sensor data. At each input pixel
value corresponds a single output value. This allows you to apply a correction table like a
gamma correction for example. The Look-up Table does not apply to the test pattern. The Look-
up Table might be generated by the camera by programming the gamma setting:
• Gamma 0.125 to 7.875: code 1 to 63 (0 not admitted)
You might also write your own correction table via the serial communication channel. Four banks
are available to store four distinct correction tables.
See register LUT Coefficient Save in Dataflash @ 10DH, Internal Register Mapping on page 16.
See register LUT Coefficient Restore in Dataflash @ 10EH, Internal Register Mapping on
page 16. See register Processing Control bit 2 @ 202H, Internal register mapping on page 16.
5.7
Fixed Pattern Noise (FPN) Correction
The fixed pattern noise (FPN) is a spatial fluctuation of the sensor data particularly between suc-
cessive columns. The purpose is to calculate an offset for each column of the frame in the
darkness. The table of column offsets is stored in the internal memory. If the FPN correction is
then enabled the offset values are subtracted to the value of the input pixel. Two methods are
available to realize this processing: the off-line calibration and the online correction.
5.8
Off-line Calibration
A calibration step is required while the camera is in darkness condition. Offset coefficients for
each column are calculated on an average value measured on the 1024 first lines. Offset coeffi-
cients are 8-bit data. Therefore to be efficient the pixel value should be always within the values
1LSB to 255 LSB. If not, the overflow/underflow flags are set in the status register. The calibra-
tion step must be done in full resolution. Calibration data can be saved in nonvolatile memory
and four distinct banks are reserved for this use. You might access to these banks in read or
write mode.
See register Processing Control bits [4:3] @ 202H, Internal register mapping on page 16.
See register Calibration Control @ 200H, Internal register mapping on page 16.
See register FPN Coefficient Save in Dataflash @ 10BH, Internal register mapping on page 16.
See register FPN Coefficient Restore in Dataflash @ 10CH, Internal Register Mapping on
page 16.
5.9
Online Correction
No calibration step is required. When online correction is enabled the camera calculates the off-
set coefficients for each column on masked lines and then processes the input sensor data.
These coefficients are updated at each frame. The calculated values are less accurate with
these methods but unlike the off-line calibration do not depend on the settings like the analog
gain.
See register Processing Control bits [4:3] @ 202H, Internal Register Mapping on page 16.
See register FPN Coefficient Save in Dataflash @ 10BH,Internal Register Mapping on page 16.
See register FPN Coefficient Restore in Dataflash @ 10CH, Internal Register Mapping on
page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com