Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V35/34L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 70V35/34L
Description  HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V35/34L Datasheet(HTML) 4 Page - Renesas Technology Corp

  70V35/34L Datasheet HTML 1Page - Renesas Technology Corp 70V35/34L Datasheet HTML 2Page - Renesas Technology Corp 70V35/34L Datasheet HTML 3Page - Renesas Technology Corp 70V35/34L Datasheet HTML 4Page - Renesas Technology Corp 70V35/34L Datasheet HTML 5Page - Renesas Technology Corp 70V35/34L Datasheet HTML 6Page - Renesas Technology Corp 70V35/34L Datasheet HTML 7Page - Renesas Technology Corp 70V35/34L Datasheet HTML 8Page - Renesas Technology Corp 70V35/34L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
6.42
70V35/34S/L
(70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
5624 drw 05
14
15
16
17
18
19
20
21
22
23
24
11
10
9
8
7
6
5
4
3
2
1
84
83
33
34
35
36
37
38
39
40
41
42
43
44
45
13 12
25
26
27
28
29
30
31
32
46
47
48
49
50
51
52
53
72
71
70
69
68
67
66
65
64
63
62
73 74
61
60
59
58
57
56
55
54
82
81
80
79
78
77
76
75
70V24
PLG84(5)
84-Pin PLCC
Top View
I/O7L
I/O6L
I/O5L
I/O4L
I/O3L
I/O2L
VDD
R/
WL
SEML
CEL
UBL
LBL
A11L
VSS
I/O1L
I/O0L
A10L
A9L
A8L
OEL
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
VSS
I/O15R
VSS
A11R
A10R
A9R
A8R
A7R
OER
R/
WR
CER
UBR
LBR
A12R(1)
A12L(1)
SEMR
Pin Configurations(1,2,3,4)(con't)
NOTES:
1. A12 is a NC for IDT70V24.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. PLG84 package body is approximately 1.15 in x 1.15 in x .17 in.
5. This package code is used to reference the package diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com