Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V35/34L Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 70V35/34L
Description  HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V35/34L Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 70V35/34L Datasheet HTML 18Page - Renesas Technology Corp 70V35/34L Datasheet HTML 19Page - Renesas Technology Corp 70V35/34L Datasheet HTML 20Page - Renesas Technology Corp 70V35/34L Datasheet HTML 21Page - Renesas Technology Corp 70V35/34L Datasheet HTML 22Page - Renesas Technology Corp 70V35/34L Datasheet HTML 23Page - Renesas Technology Corp 70V35/34L Datasheet HTML 24Page - Renesas Technology Corp 70V35/34L Datasheet HTML 25Page - Renesas Technology Corp 70V35/34L Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
6.42
70V35/34S/L
(70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
24
Ordering Information
NOTES:
1. ContactyourlocalsalesofficeforIndustrialtemprangeforotherspeeds,packagesandpowers.
5624 drw 21
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
100-pin TQFP (PNG100) 70V35/34/25/24
84-Pin PLCC (PLG84) 70V24
Standard Power
Low Power
144K (8K x 18-Bit) 3.3V Dual-Port RAM
72K (4K x 18-Bit) 3.3V Dual-Port RAM
128K (8K x 16-Bit) 3.3V Dual-Port RAM
64K (4K x 16-Bit) 3.3V Dual-Port RAM
Speed in Nanoseconds
Commercial Only - 70V35/34/25
Commercial & Industrial - 70V24
Industrial Only - 70V35/25/24
Industrial Only - 70V25
Commercial Only - 70V25/24
Commercial Only - 70V24
,
Blank
I(1)
PF
J
S
L
70V35
70V34
70V25
70V24
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
XXXXX
Device
Type
15
15
20
25
35
55
A
G
Green
A
Tray
Tape and Reel
Blank
8
LEAD FINISH (SnPb) parts are Obsolete. Product Discontinuation Notice - PDN# SP-17-02
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
70V35L15PFG
PNG100
TQFP
C
70V35L15PFG8
PNG100
TQFP
C
20
70V35L20PFGI
PNG100
TQFP
I
70V35L20PFGI8
PNG100
TQFP
I
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
70V25L15PFG
PNG100
TQFP
C
70V25L15PFG8
PNG100
TQFP
C
20
70V25L20PFGI
PNG100
TQFP
I
70V25L20PFGI8
PNG100
TQFP
I
25
70V25L25PFGI
PNG100
TQFP
I
70V25L25PFGI8
PNG100
TQFP
I
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
70V34L15PFG
PNG100
TQFP
C
70V34L15PFG8
PNG100
TQFP
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
25
70V25S25PFGI
PNG100
TQFP
I
70V25S25PFGI8
PNG100
TQFP
I
35
70V25S35PFG
PNG100
TQFP
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
70V24L15JG
PLG84
PLCC
C
70V24L15JG8
PLG84
PLCC
C
70V24L15PFG
PNG100
TQFP
C
70V24L15PFG8
PNG100
TQFP
C
70V24L15PFGI
PNG100
TQFP
I
70V24L15PFGI8
PNG100
TQFP
I
20
70V24L20JGI
PLG84
PLCC
I
70V24L20JGI8
PLG84
PLCC
I
70V24L20PFGI
PNG100
TQFP
I
70V24L20PFGI8
PNG100
TQFP
I
35
70V24L35PFG
PNG100
TQFP
C
70V24L35PFG8
PNG100
TQFP
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
55
70V24S55PFG
PNG100
TQFP
C
70V24S55PFG8
PNG100
TQFP
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com