Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9958 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 8Page - STMicroelectronics L9958 Datasheet HTML 9Page - STMicroelectronics L9958 Datasheet HTML 10Page - STMicroelectronics L9958 Datasheet HTML 11Page - STMicroelectronics L9958 Datasheet HTML 12Page - STMicroelectronics L9958 Datasheet HTML 13Page - STMicroelectronics L9958 Datasheet HTML 14Page - STMicroelectronics L9958 Datasheet HTML 15Page - STMicroelectronics L9958 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Device description
L9958
12/38
DocID17269 Rev 6
3.3
Serial peripheral interface (SPI)
The SPI is used for bidirectional communication with a control unit, allowing IC
configuration, diagnosis and identification. L9958 can also be used in daisy-chain
configuration (number of device in the daisy chain is not limited).
The SPI interface of L9958 is a slave SPI interface: the master is the μC which provides CS
and SCK to L9958.
Transfer format uses 16 bits word in case of single device configuration and multiple of 16
bits word in case of daisy chain configuration.
The first answer after Power-ON-Reset is the IC identifier.
A command sent by the μC during transfer N is answered during transfer N+1. SO is
clocked on SCK rising edge. SI is sampled on falling edge. When CS = '1' and during power-
ON reset, SO is in tri-state. Otherwise, the SPI interface is always active.
Settings made by the SPI control word become active at the end of the SPI transmission
and remain valid until a different control word is transmitted or a power on reset occurs.
At each SPI transmission, the diagnosis bits as currently valid in the error logic are
transmitted. Details on diagnosis are described in Section 5.
Figure 6. SPI protocol structure
Between CS falling edge and SCK rising edge, an internal signal called "FSI bit" is set
asynchronously on SO output. This can be useful to have internal information on the device
without stimulating the SCK clock. The definition of the FSI bit is presented in the
diagnostics chapter.
Figure 7. FSI bit
Except the Enable / Disable bit (“ACT” pin), all the bits of diagnosis register are latched and
can be released by:
Diagnosis register read by SPI
Power-On-Reset condition.
The coding for the Configuration and Diagnosis Registers is reported in the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com