Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3178JR Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3178JR
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3178JR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3178JR Datasheet HTML 2Page - Analog Devices ADP3178JR Datasheet HTML 3Page - Analog Devices ADP3178JR Datasheet HTML 4Page - Analog Devices ADP3178JR Datasheet HTML 5Page - Analog Devices ADP3178JR Datasheet HTML 6Page - Analog Devices ADP3178JR Datasheet HTML 7Page - Analog Devices ADP3178JR Datasheet HTML 8Page - Analog Devices ADP3178JR Datasheet HTML 9Page - Analog Devices ADP3178JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
ADP3158/ADP3178
–6–
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VID0
VID1
VID2
VID3
LRFB1
LRDRV1
CS–
CS+
GND
DRVH
DRVL
VCC
LRFB2
LRDRV2
COMP
CT
FROM CPU
C1
100 F
C15
1 F
C2
100 F
Q2
*
C12
1 F
Q1
*
C3
150pF
RB
10.5k
RA
78.7k
COC
2.7nF
3.3V
C17 C18 C19 C20 C21
VLR2
1.8V,
2A
R12
4m
L1
1.7 H
Q4
*
Q3
**
C8
1000 F
C9
1000 F
C7
22 F
L2
1 H
VCC CORE
1.30V TO
2.05V
15A
5V
5V STANDBY
12V
D3
MBR052LT1
D2
MBR052LT1
VLR1
2.5V, 2A
C6
1 F
R4
220
R3
220
C10
1nF
3.3V
ADP3158/
ADP3178
+
+
+
+
+
+
+
+
+
+
+
*SUB45N03-13L
**SUB75N03-07
U1
C2
68pF
C11
68pF
R2
10k
R11
10k
1000 F
5
24m
(EACH)
Figure 3. 15 A Pentium III Application Circuit
The linear regulator controllers have been designed so that they
remain active even when the switching controller is in UVLO mode
to ensure that the output voltages of the linear regulators will track
the 3.3 V supply as required by Intel design specifications. By
diode ORing the VCC input of the IC to the 5 VSB and 12 V
supplies as shown in Figure 3, the switching output will be disabled
in standby mode, but the linear regulators will begin conducting
once VCC rises above about 1 V. During start-up the linear out-
puts will track the 3.3 V supply up until they reach their respective
regulation points, regardless of the state of the 12 V supply. Once
the 12 V supply has exceeded the 5 VSB supply by more than a
diode drop, the controller IC will track the 12 V supply. Once the
12 V supply has risen above the UVLO value, the switching regula-
tor will begin its start-up sequence.
Table I. Output Voltage vs. VID Code
VID3
VID2
VID1
VID0
VOUT(NOM)
1
1
1
1
1.30 V
1
1
1
0
1.35 V
1
1
0
1
1.40 V
1
1
0
0
1.45 V
1
0
1
1
1.50 V
1
0
1
0
1.55 V
1
0
0
1
1.60 V
1
0
0
0
1.65 V
0
1
1
1
1.70 V
0
1
1
0
1.75 V
0
1
0
1
1.80 V
0
1
0
0
1.85 V
0
0
1
1
1.90 V
0
0
1
0
1.95 V
0
0
0
1
2.00 V
0
0
0
0
2.05 V
APPLICATION INFORMATION
Specifications for a Design Example
The design parameters for a typical 750 MHz Pentium III appli-
cation (shown in Figure 3) are as follows:
Input Voltage: (VIN) = 5 V
Auxiliary Input: (VCC) = 12 V
Output Voltage (VVID) = 1.7 V
Maximum Output Current (IO(MAX)) = 15 A
Minimum Output Current (IO(MIN)) = 1 A
Static tolerance of the supply voltage for the processor core
(
∆V
O) = +40 mV (–80 mV) = 120 mV
Transient tolerance (for less than 2
µs) of the supply voltage
for the processor core when the load changes between the
minimum and maximum values with a di/dt of 20 A/
µs
(
∆V
O(TRANSIENT)) = +80 mV (–130 mV) = 210 mV
Input current di/dt when the load changes between the mini-
mum and maximum values < 0.1 A/
µs.
The above requirements correspond to Intel’s published power
supply requirements based on VRM 8.4 guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com