Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3178JR Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3178JR
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3178JR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3178JR Datasheet HTML 5Page - Analog Devices ADP3178JR Datasheet HTML 6Page - Analog Devices ADP3178JR Datasheet HTML 7Page - Analog Devices ADP3178JR Datasheet HTML 8Page - Analog Devices ADP3178JR Datasheet HTML 9Page - Analog Devices ADP3178JR Datasheet HTML 10Page - Analog Devices ADP3178JR Datasheet HTML 11Page - Analog Devices ADP3178JR Datasheet HTML 12Page - Analog Devices ADP3178JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
ADP3158/ADP3178
–9–
RSENSE
The value of RSENSE is based on the maximum required output
current. The current comparators of the ADP3158 and ADP3178
have a minimum current limit threshold of 69 mV. Note that the
69 mV value cannot be used for the maximum specified nominal
current, as headroom is needed for ripple current and tolerances.
The current comparator threshold sets the peak of the inductor
current yielding a maximum output current, IO, which equals twice
the peak inductor current value less half of the peak-to-peak induc-
tor ripple current. From this the maximum value of RSENSE is
calculated as:
R
V
I
I
mV
AA
m
SENSE
CS CL
MIN
O
L RIPPLE
≤
+
=
+
=Ω
()(
)
()
.
2
69
15
1 9
4
(8)
In this case, 4 m
Ω was chosen as the closest standard value.
Once RSENSE has been chosen, the output current at the point
where current limit is reached, IOUT(CL), can be calculated using
the maximum current sense threshold of 87 mV:
I
V
R
I
mV
m
A
A
OUT CL
CS CL
MAX
SENSE
L RIPPLE
()
()(
)
(
)
–
–
.
=
=
Ω
≈
2
87
4
38
2
20
(9)
At output voltages below 450 mV, the current sense threshold is
reduced to 54 mV, and the ripple current is negligible. There-
fore, at dead short the output current is reduced to:
I
mV
m
A
OUT SC
()
.
=
Ω
=
54
4
13 5
(10)
To safely carry the current under maximum load conditions, the
sense resistor must have a power rating of at least:
PI
R
A
m
W
R
O
SENSE
SENSE
=×
=
×
Ω =
()
(
)
.
22
20
4
1 6
(11)
Power MOSFETs
Two external N-channel power MOSFETs must be selected for
use with the ADP3158 and ADP3178, one for the main switch
and an identical one for the synchronous switch. The main
selection parameters for the power MOSFETs are the threshold
voltage (VGS(TH)) and the ON-resistance (RDS(ON)).
The minimum input voltage dictates whether standard threshold
or logic-level threshold MOSFETs must be used. For VIN > 8 V,
standard threshold MOSFETs (VGS(TH) < 4 V) may be used. If
VIN is expected to drop below 8 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are strongly recommended. Only logic-level
MOSFETs with VGS ratings higher than the absolute maximum
value of VCC should be used.
The maximum output current IO(MAX) determines the RDS(ON)
requirement for the two power MOSFETs. When the ADP3158
and ADP3178 are operating in continuous mode, the simplifying
assumption can be made that one of the two MOSFETs is always
conducting the average load current. For VIN = 5 V and VOUT =
1.65 V, the maximum duty ratio of the high-side FET is:
Df
t
D
kHz
s
HSF MAX
MIN
OFF
HSF MAX
()
()
– ()
– (.
)
%
=×
=×
µ =
1
1
195
3 3
36
(12)
The maximum duty ratio of the low-side (synchronous rectifier)
MOSFET is:
DD
LSF MAX
HSF MAX
()
()
–
%
==
154
(13)
The maximum rms current of the high-side MOSFET is:
ID
II
I
I
I
AA
A
A
A rms
RMSHSF
HSF MAX
L VALLEY
L VALLEY
L PEAK
L PEAK
RMSHSF
=×
+×
+
=×
+×+
=
()
()
()
(
)
(
)
()
%
.(
.
.
)
.
.
22
22
3
36
13 1
13 1
16 1
16 1
3
88
(14)
The maximum rms current of the low-side MOSFET is:
ID
II
I
I
I
AA
A
A
A rms
RMSLSF
LSF MAX
L VALLEY
L VALLEY
L PEAK
L PEAK
RMSLSF
=×
+×
+
=×
+×+
=
()
()
()
(
)
(
)
%
.(
.
.
)
.
.
22
22
3
54
13 1
13 1
16 1
16 1
3
10 8
(15)
The RDS(ON) for each MOSFET can be derived from the allowable
dissipation. If 10% of the maximum output power is allowed for
MOSFET dissipation, the total dissipation will be:
PV
I
W
D FETs
OUT
OUT MAX
()
(
)
..
=×
×
=
01
226
(16)
Allocating half of the total dissipation for the high-side MOSFET
and half for the low-side MOSFET and assuming that switching
losses are small relative to the dc conduction losses, the required
minimum MOSFET resistances will be:
R
P
I
W
A
m
DS ON HSF
HSF
HSF
()
.
.
≤=
=
Ω
22
113
88
15
(17)
R
P
I
W
A
m
DS ON LSF
LSF
LSF
()
.
.
≤=
=
Ω
22
113
10 8
10
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com